Electronic Components Datasheet Search
  English  ▼

X  

DL4148 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4148
Description  500mW High Speed Switching Diode 100 Volt Surface Mount Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4148 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4148 Datasheet HTML 1Page - Micro Commercial Components DL4148 Datasheet HTML 2Page - Micro Commercial Components DL4148 Datasheet HTML 3Page - Micro Commercial Components DL4148 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DL4148
500mW High Speed
Switching Diode
100 Volt
Features
Maximum Ratings
•
Operating Temperature: -65
℃ to +175℃
•
Storage Temperature: -65
℃ to +175℃
•
Maximum Thermal Resistance: 500K/W Junction To Ambient
Tested on PC Board 50mm
× 50mm × 1.6mm
Electrical Characteristics @ 25℃ Unless Otherwise Specified
Reverse Voltage
VR
75V
Breakdown Voltage
VBR
100V
IR =100
μA
Average Forward
Current
IO
150mA
Power Dissipation
PTOT
500mW
Junction
Temperature
TJ
175
°C
Peak Forward Surge
Current
IFSM
2.0A
tp = 1.0
μs
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 10mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
5.0
μA
50
µA
VR=20V; TJ = 25
℃
VR=75V; TJ = 25
℃
VR=20V; TJ =150
℃
Maximum Junction
Capacitance
CJ
4.0pF
Measured at
1.0MHz, VR=0V
Maximum Reverse
Recovery Time
Trr
4.0ns
IF=10mA; VR = 6V
RL=100
Ω
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
A
B
C
Cathode Ma
.165
.075
.030
MiniMELF
Revision: B
2012/08/22
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 7(c)-I.
•
Low Current Leakage,Low Cost
•
Compression Bond Construction
•
Surface Mount Applications
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)


Similar Part No. - DL4148

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4148 DCCOM-DL4148 Datasheet
259Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
500mW 100 Volt Silicon Switching Diode
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
462Kb / 4P
500mW High Speed Switching Diode 100 Volt
logo
Shanghai Shunye Electro...
DL4148 SHUNYE-DL4148 Datasheet
203Kb / 3P
500mW High Speed Switching Diode100 Volt
More results

Similar Description - DL4148

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914 Datasheet
361Kb / 3P
500mW 100 Volt Silicon Switching Diode
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
500mW High Speed Switching Diode 100 Volt
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148_11 Datasheet
462Kb / 4P
500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_12 Datasheet
224Kb / 4P
500mW High Speed Switching Diode 100 Volt
1N4148-TP MCC-1N4148-TP Datasheet
239Kb / 4P
500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
500mW High Speed Switching Diode 100 Volt
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
500mW 100 Volt Silicon Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com