Electronic Components Datasheet Search
  English  ▼

X  

TLMB1100 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLMB1100
Description  Standard 0603 SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMB1100 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLMB1100 Datasheet HTML 5Page - Vishay Siliconix TLMB1100 Datasheet HTML 6Page - Vishay Siliconix TLMB1100 Datasheet HTML 7Page - Vishay Siliconix TLMB1100 Datasheet HTML 8Page - Vishay Siliconix TLMB1100 Datasheet HTML 9Page - Vishay Siliconix TLMB1100 Datasheet HTML 10Page - Vishay Siliconix TLMB1100 Datasheet HTML 11Page - Vishay Siliconix TLMB1100 Datasheet HTML 12Page - Vishay Siliconix TLMB1100 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLMS1100, TLMO1100, TLMY1100, TLMG1100, TLMP1100, TLMB1100
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 04-Jun-13
9
Document Number: 83173
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 25 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 26 - Forward Voltage vs. Ambient Temperature
Fig. 27 - Forward Current vs. Forward Voltage
Fig. 28 - Relative Luminous Intensity vs. Forward Current
Fig. 29 - Change of Dominant Wavelength vs.
Ambient Temperature
Fig. 30 - Relative Luminous Intensity vs. Ambient Temperature
0.0
0.4
0.8
1.2
1.6
2.0
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19092
yellow
IF = 20 mA
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19097
yellow
IF = 20 mA
1
10
100
1.0
1.5
2.0
2.5
3.0
VF - Forward Voltage (V)
19104
yellow
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
19114
yellow
- 4
- 3
- 2
- 1
0
1
2
3
4
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19086
red
IF = 20 mA
0.0
0.4
0.8
1.2
1.6
2.0
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19091
red
I
F = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com