Electronic Components Datasheet Search
  English  ▼

X  

GS1B-L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # GS1B-L
Description  1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts Extremely Low Thermal Resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS1B-L Datasheet(HTML) 2 Page - Micro Commercial Components

  GS1B-L Datasheet HTML 1Page - Micro Commercial Components GS1B-L Datasheet HTML 2Page - Micro Commercial Components GS1B-L Datasheet HTML 3Page - Micro Commercial Components GS1B-L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GS1A-L thru GS1M-L
Figure 2
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pF
versus
Reverse Junction Potential (Applied V + 0.7 Volts) - Volts
pF
Volts
1
10
100
6
12
18
24
30
36
Figure 3
Maximum Overload Surge Current
Peak Forward Current - Amperes
versus
Number of Cycles at 60Hz
Amps
Cycles
Average Forward Rectified Current - Amperes
versus
Lead Temperature -
°C
Figure 4
Forward Derating Curve
020
40
60
80 100 120 140 160 180
0
.2
.4
.6
.8
1.0
1.2
1.4
Resistive or
Inductive Load
Amps
°C
200
60
40
4
400
1000
Typical
Distribution
Median
Figure 1
Typical Forward Characteristics
MCC
Revision:
D
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.01
TJ = 150°C
100
°C 25°C
ï40°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com