Electronic Components Datasheet Search
  English  ▼

X  

GS1D-L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GS1D-L
Description  1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts Extremely Low Thermal Resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS1D-L Datasheet(HTML) 1 Page - Micro Commercial Components

  GS1D-L Datasheet HTML 1Page - Micro Commercial Components GS1D-L Datasheet HTML 2Page - Micro Commercial Components GS1D-L Datasheet HTML 3Page - Micro Commercial Components GS1D-L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS1A-L
THRU
GS1M-L
1.0 Amp Glass
Passivated Rectifier
50 to 1000 Volts
DO-214AC
(SMA) (LEAD FRAME)
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 15
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GS1A-L
GS1A
50V
35V
50V
GS1B-L
GS1B
100V
70V
100V
GS1D-L
GS1D
200V
140V
200V
GS1G-L
GS1G
400V
280V
400V
GS1J-L
GS1J
600V
420V
600V
GS1K-L
GS1K
800V
560V
800V
GS1M-L
GS1M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
TL = 110
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine,
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
•
Extremely Low Thermal Resistance
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Revision:
D
20
13/01/01





INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
---
.008
---
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
TM
Micro Commercial Components
DIMENSIONS
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note 1: High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
www.mccsemi.com
1 of 4
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Features
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - GS1D-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1D-L MCC-GS1D-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1D-L MCC-GS1D-L Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1D-L MCC-GS1D-L Datasheet
258Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1D-L MCC-GS1D-L Datasheet
362Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1D-L MCC-GS1D-L Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - GS1D-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1H1G MCC-1H1G Datasheet
365Kb / 2P
1.0 Amp Glass Passivated High Efficient Rectifier 50 - 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
HER101G MCC-HER101G Datasheet
410Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
HER101G MCC-HER101G_13 Datasheet
437Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
GS1AFL MCC-GS1AFL Datasheet
392Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
M1FL MCC-M1FL Datasheet
665Kb / 3P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com