Electronic Components Datasheet Search
  English  ▼

X  

SMD16PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMD16PL
Description  1 Amp Schottky Rectifier 50 to 200 Volts Low Forward Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD16PL Datasheet(HTML) 1 Page - Micro Commercial Components

  SMD16PL Datasheet HTML 1Page - Micro Commercial Components SMD16PL Datasheet HTML 2Page - Micro Commercial Components SMD16PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD1
5PL
THRU
SMD1200PL
1 Amp Schottky
Rectifier
50 to 200 Volts
Features
•
Schottky Barrier Rectifier
•
High Current Capability
•
Low Forward Voltage
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 28
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SMD15PL
D5
50V
35V
50V
SMD16PL
D6
60V
42V
60V
SMD18PL
D8
80V
56V
80V
SMD110PL
D10
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 90
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SMD1
5PL-16PL
SMD1
8PL-1150PL
VF
.
70V
.
85V
IFM = 1.0A;
TJ = 25
°C(Note:2)
Typical Junction
Capacitance
SMD12PL -16PL
SMD18PL-11
50PL
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
Note:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
SOD-123FL
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
12/07/23
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
2.Pulse test: Pulse width 300 sec, Duty cycle 2%
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
SMD1
150PL
D
15
150V
105V
150V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
SMD120
0PL
D20
20
0V
140V
200V
SMD120
0PL
.95V
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25


Similar Part No. - SMD16PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD16PL MCC-SMD16PL Datasheet
201Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts
SMD16PL MCC-SMD16PL Datasheet
229Kb / 3P
1 Amp Schottky Rectifier 50 to 80 Volts
logo
Nanjing International G...
SMD16PL DGNJDZ-SMD16PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
SMD16PL DGNJDZ-SMD16PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
SMD16PL DGNJDZ-SMD16PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results

Similar Description - SMD16PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST19035 MCC-FST19035 Datasheet
132Kb / 3P
200 Amp Rectifier 35 to 50 Volts Schottky Barrier
logo
Daya Electric Group Co....
FR101 DAYA-FR101 Datasheet
83Kb / 3P
1 Amp Schottky Rectifier 50 to 100 Volts
logo
Micro Commercial Compon...
SMD15PL MCC-SMD15PL Datasheet
201Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts
SK1150-L MCC-SK1150-L Datasheet
175Kb / 3P
1 Amp Schottky Rectifier 150 to 200 Volts
SS1150-L MCC-SS1150-L Datasheet
278Kb / 3P
1 Amp Schottky Rectifier 150 to 200 Volts
SS1200-LTP MCC-SS1200-LTP Datasheet
293Kb / 3P
1 Amp Schottky Rectifier 150 to 200 Volts
SMD16PL-TP MCC-SMD16PL-TP Datasheet
229Kb / 3P
1 Amp Schottky Rectifier 50 to 80 Volts
SK1150-L MCC-SK1150-L_13 Datasheet
150Kb / 3P
1 Amp Schottky Rectifier 150 to 200 Volts
SS1150-L MCC-SS1150-L_13 Datasheet
245Kb / 3P
1 Amp Schottky Rectifier 150 to 200 Volts
SS120HL MCC-SS120HL Datasheet
852Kb / 3P
1 Amp Schottky Rectifier 200 Volts
Rev.3-1-08012022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com