Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP70 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLD-AP70
Description  Cree/NXP Task Light Reference Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP70 Datasheet(HTML) 1 Page - Cree, Inc

  CLD-AP70 Datasheet HTML 1Page - Cree, Inc CLD-AP70 Datasheet HTML 2Page - Cree, Inc CLD-AP70 Datasheet HTML 3Page - Cree, Inc CLD-AP70 Datasheet HTML 4Page - Cree, Inc CLD-AP70 Datasheet HTML 5Page - Cree, Inc CLD-AP70 Datasheet HTML 6Page - Cree, Inc CLD-AP70 Datasheet HTML 7Page - Cree, Inc CLD-AP70 Datasheet HTML 8Page - Cree, Inc CLD-AP70 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Cree/NXP Task Light Reference Design
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATION NOTE
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and
XLamp are registered trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specifica-
tion. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at
sales@cree.com. Other trademarks, product and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
INTRODUCTION
This application note demonstrates that an LED task
light can readily outperform its linear fluorescent equiv-
alent and incorporate dimming for mood setting and for
additional energy savings. Cree, NXP Semiconductors
and Bright View Technologies collaborated to design an
under-cabinet SSL fixture that exceeds linear fluores-
cent performance while keeping cost low and meeting
Energy Star performance specifications. This design is
a simple approach to fluorescent lamp replacement and
can easily be integrated into many linear lighting ap-
plications.
Introduction........................................................ 1
Design Approach/Objectives.................................. 2
The 6-step methodology....................................... 2
1. Define lighting requirements........................... 2
2. Define design goals ....................................... 4
3. Estimate efficiencies ...................................... 4
4. Calculate the number of LEDs needed .............. 5
5. Consider all design possibilities ....................... 6
6. Complete final steps .....................................10
Conclusions .......................................................11
TABLE OF CONTENTS
Figure 1
Figure 1: NXP Cree task light


Similar Part No. - CLD-AP70

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP72 CREE-CLD-AP72 Datasheet
1Mb / 12P
Cree® XLamp® A19 Reference Overview
rev 0B
More results

Similar Description - CLD-AP70

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
DTV Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Cree, Inc
CXA2530 CREE-CXA2530_13 Datasheet
1Mb / 15P
Retail Track Light Reference Design
rev 1A
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
Reference Design Documentation
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com