Electronic Components Datasheet Search
  English  ▼

X  

MRF166W Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF166W
Description  TMOS BROADBAND RF POWER FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF166W Datasheet(HTML) 2 Page - Motorola, Inc

  MRF166W Datasheet HTML 1Page - Motorola, Inc MRF166W Datasheet HTML 2Page - Motorola, Inc MRF166W Datasheet HTML 3Page - Motorola, Inc MRF166W Datasheet HTML 4Page - Motorola, Inc MRF166W Datasheet HTML 5Page - Motorola, Inc MRF166W Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRF166W
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 5.0 mA)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
—
—
1.0
mA
Gate–Source Leakage Current
(VGS = 40 Vdc, VDS = 0 Vdc)
IGSS
—
—
1.0
µA
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS= 10 Vdc, ID = 25 mA)
VGS(th)
1.0
3.0
6.0
Vdc
Forward Transconductance
(VDS= 10 Vdc, ID = 1.5 A)
gfs
600
800
—
mS
DYNAMIC CHARACTERISTICS (1)
Input Capacitance
(VDS = 28 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Ciss
—
30
—
pF
Output Capacitance
(VDS = 28 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Coss
—
35
—
pF
Reverse Transfer Capacitance
(VDS = 28 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Crss
—
4.5
—
pF
FUNCTIONAL CHARACTERISTICS (2)
Common Source Power Gain
(VDD = 28 Vdc, Pout = 40 W, f = 400 MHz, IDG = 100 mA)
Gps
11
13
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 40 W, f = 400 MHz, IDG = 100 mA)
η
45
50
—
%
Electrical Ruggedness
(VDD = 28 Vdc, Pout = 40 W, f = 400 MHz, IDG = 100 mA)
Load VSWR = 30:1, All phase angles at frequency of test
Ψ
No Degradation in Output Power
(1) Each transistor chip measured separately.
(2) Both transistor chips operating in a push–pull amplifier.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com