Electronic Components Datasheet Search
  English  ▼

X  

DPG30C400PB Datasheet(PDF) 4 Page - IXYS Corporation

Part # DPG30C400PB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG30C400PB Datasheet(HTML) 4 Page - IXYS Corporation

  DPG30C400PB Datasheet HTML 1Page - IXYS Corporation DPG30C400PB Datasheet HTML 2Page - IXYS Corporation DPG30C400PB Datasheet HTML 3Page - IXYS Corporation DPG30C400PB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DPG 30 C 400 PB
0
100 200 300 400 500 600
20
40
60
80
100
120
0
40
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
K
f
T
VJ [°C]
0
100 200 300 400 500 600
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
V
FR
V]
0
100 200 300 400 500 600
0
2
4
6
8
10
12
0
100 200 300 400 500 600
0.0
0.1
0.2
0.3
0.4
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
70
80
I
RM
[A]
Q
rr
[µC]
I
F
[A]
V
F [V]
-di
F /dt [A/µs]
t
rr
[ns]
V
FR
t
fr
I
RM
Q
rr
30 A
15 A
-di
F /dt [A/µs]
-di
F /dt [A/µs]
7.5 A
15 A
I
F =30 A
-di
F /dt [A/µs]
1
10
100
1000
10000
0.0
0.4
0.8
1.2
1.6
2.0
t [ms]
Z
thJC
[K/W]
0
100 200 300 400 500 600
0
5
10
15
20
25
E
rec
[µJ]
-di
F /dt
[A/µs]
I
F
= 30 A
I
F
= 15 A
I
F
= 7.5 A
I
F
=30 A
I
F
=15 A
I
F
=7.5 A
Fig. 1 Forward current I
F vs. VF
Fig. 2 Typ. reverse recovery charge
Q
rr versus -diF /dt
Fig. 3 Typ. peak reverse current
I
RM versus -diF /dt
Fig. 4 Dynamic parameters
Q
rr, IRM versus TVJ
Fig. 5 Typ. recovery time t
rr vs. -diF /dt
Fig. 6 Typ. peak forward voltage
V
FR and tfr versus diF /dt
Fig. 7 Typ. recovery energy
E
rec versus -diF /dt
t
fr
[ns]
T
VJ = 25°C
150°C
Fig. 8 Transient thermal resistance junction to case
7.5 A
T
VJ = 125°C
V
R = 270 V
T
VJ
= 125°C
V
R =270 V
T
VJ = 125°C
V
R = 270 V
T
VJ
=125°C
I
F =15 A
V
R =270 V
T
VJ
=125°C
V
R = 270 V
IXYS reserves the right to change limits, conditions and dimensions.
©
20100127a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com