Electronic Components Datasheet Search
  English  ▼

X  

MAX481ECSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX481ECSA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481ECSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX481ECSA Datasheet HTML 1Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 2Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 3Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 4Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
Supply Voltage (VCC) .............................................................12V
Control Input Voltage (
–
R
—
E
–
, DE)...................-0.5V to (VCC + 0.5V)
Driver Input Voltage (DI).............................-0.5V to (VCC + 0.5V)
Driver Output Voltage (Y, Z; A, B) ..........................-8V to +12.5V
Receiver Input Voltage (A, B).................................-8V to +12.5V
Receiver Output Voltage (RO)....................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ..800mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Ranges
MAX4_ _C_ _/MAX1487EC_ A .............................0°C to +70°C
MAX4_ _E_ _/MAX1487EE_ A...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Driver Common-Mode Output
Voltage
VOC
3
V
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
ΔVOD
0.2
V
Change in Magnitude of Driver
Common-Mode Output Voltage
for Complementary Output States
ΔVOD
0.2
V
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN1
±2
µA
Differential Driver Output (no load)
VOD1
5
V
2
V
Differential Driver Output
(with load)
VOD2
1.5
5
1.0
-0.8
mA
0.25
mA
-0.2
Receiver Differential Threshold
Voltage
-0.2
0.2
V
Receiver Input Hysteresis
ΔVTH
70
mV
Receiver Output High Voltage
VOH
3.5
Receiver Output Low Voltage
VOL
0.4
V
Three-State (high impedance)
Output Current at Receiver
IOZR
±1
µA
12
k
Ω
CONDITIONS
DE = 0V;
VCC = 0V or 5.25V,
all devices except
MAX487E/MAX1487E
R = 27
Ω or 50Ω, Figure 8
R = 27
Ω or 50Ω, Figure 8
R = 27
Ω or 50Ω, Figure 8
DE, DI,
–
R
—
E
–
MAX487E/MAX1487E,
DE = 0V, VCC = 0V or 5.25V
DE, DI,
–
R
—
E
–
DE, DI,
–
R
—
E
–
-7V
≤ VCM ≤ 12V
VCM = 0V
IO = -4mA, VID = 200mV
IO = 4mA, VID = -200mV
R = 50
Ω (RS-422)
0.4V
≤ VO ≤ 2.4V
R = 27
Ω (RS-485), Figure 8
-7V
≤ VCM ≤ 12V, all devices except
MAX487E/MAX1487E
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V, MAX487E/MAX1487E
48
k
Ω
VTH
IIN2
Input Current
(A, B)
VIN = 12V
VIN = -7V
VIN = 12V
VIN = -7V
V
MAX481E/MAX483E/MAX485E/
MAX487E–MAX491E/MAX1487E
2
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com