Electronic Components Datasheet Search
  English  ▼

X  

BU4209F Datasheet(PDF) 7 Page - Rohm

Part # BU4209F
Description  CMOS Voltage Detector ICs with adjustable output delay.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4209F Datasheet(HTML) 7 Page - Rohm

Back Button BU4209F Datasheet HTML 3Page - Rohm BU4209F Datasheet HTML 4Page - Rohm BU4209F Datasheet HTML 5Page - Rohm BU4209F Datasheet HTML 6Page - Rohm BU4209F Datasheet HTML 7Page - Rohm BU4209F Datasheet HTML 8Page - Rohm BU4209F Datasheet HTML 9Page - Rohm BU4209F Datasheet HTML 10Page - Rohm BU4209F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Datasheet
7/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
・
15
・
001
●
Typical Performance Curves
Fig.3 Circuit Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
7
VDD SUPPLY VOLTAGE
:
VDD[V]
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
:
VDS[V]
VDD=1.2V
【BU 4216F】
Fig.4 “LOW” Output Current
0
5
10
15
20
25
0
1
2
3
4
5
6
DRAIN-SOURCE VOLTAGE
:
VDS[V]
【BU 4318G】
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
VDD SUPPLY VOLTAGE
:
VDD[V]
【BU4216F】
【
BU4216
】
【
BU4316
】
【
BU4318
】
【
BU4216
】
【
BU4316
】
【
BU4216
】
【
BU4316
】



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com