Electronic Components Datasheet Search
  English  ▼

X  

AN-1908 Datasheet(PDF) 1 Page - Texas Instruments

Part # AN-1908
Description  The LM2842 is a PWM DC/DC buck (step-down) regulator.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AN-1908 Datasheet(HTML) 1 Page - Texas Instruments

  AN-1908 Datasheet HTML 1Page - Texas Instruments AN-1908 Datasheet HTML 2Page - Texas Instruments AN-1908 Datasheet HTML 3Page - Texas Instruments AN-1908 Datasheet HTML 4Page - Texas Instruments AN-1908 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
User's Guide
SNVA377D – March 2009 – Revised April 2013
AN-1908 LM2842 Evaluation Board
1
Introduction
The LM2842 is a PWM DC/DC buck (step-down) regulator. With a wide input range from 4.5V to 42V, it is
suitable for a wide range of applications from automotive to power conditioning from unregulated sources.
The LM2842 evaluation board is designed to provide the design engineer with a fully functional power
converter based on the buck topology to evaluate the LM2842 series of buck regulators. The evaluation
board comes populated with the LM2842XMK-ADJL but can easily be modified to accommodate any of
the LM2842 regulator ICs.
2
Features
•
4.5V to 42V Input Voltage Range
•
3.3V Output Voltage
•
Up to 600 mA Output Current
•
89% Efficiency at 300 mA
•
Switching Frequency of 550 kHz
•
Frequency Foldback Current Limit of 1A
•
Internal Compensation
3
Shutdown Operation
The evaluation board includes a 3 pin header and a jumper to select whether the device is on or off.
Placing the jumper in the "ON" position ties SHDN to VIN and enables the device. Placing the jumper in
the "OFF" position ties SHDN to GND and disables the device. The jumper may be removed and a logic
signal may be applied to the center pin to test startup and shutdown of the device.
4
Adjusting the Output Voltage
The output voltage can be changed from 3.3V to another voltage by adjusting the feedback resistors using
the following equation:
V
OUT = VFB(1+(RFB1/RFB2))
(1)
Where V
FB is 0.76V.
All trademarks are the property of their respective owners.
1
SNVA377D – March 2009 – Revised April 2013
AN-1908 LM2842 Evaluation Board
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated


Similar Part No. - AN-1908

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-1001 IRF-AN-1001 Datasheet
99Kb / 4P
Application Note
logo
Cymbet Corporation
AN-1006 CYMBET-AN-1006 Datasheet
540Kb / 3P
Backing Up Epson Toyocom Real-Time Clock Chips
AN-1008 CYMBET-AN-1008 Datasheet
195Kb / 2P
Using Cymbet EnerChip Batteries Instead of Coin Cells and Super Capacitors
AN-1014 CYMBET-AN-1014 Datasheet
829Kb / 4P
Using the Atmel짰 picoPower AVR Microcontroller with Cymbet EnerChips
logo
IXYS Corporation
AN-102 IXYS-AN-102 Datasheet
162Kb / 2P
Loop Current Detection for LITELINK
More results

Similar Description - AN-1908

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1828 AD-ADP1828 Datasheet
845Kb / 32P
Synchronous Buck PWM, Step-Down, DC-to-DC Controller
9/07-Revision 0
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC4601_1112 UTC-UC4601_1112 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
The LM2841 is a PWM DC/DC buck (step-down) regulator.
logo
Analog Devices
ADP1828 AD-ADP1828_15 Datasheet
794Kb / 36P
Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
PWM step down DC/DC converter
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Princeton Technology Co...
RS6513 PTC-RS6513 Datasheet
209Kb / 4P
2A, Asynchronous PWM Control DC/DC Step-Down Regulator
logo
AiT Semiconductor Inc.
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com