| Electronic Components Datasheet Search |
|
AM5K2E02 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5K2E02 Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 4 page ![]() SPRT650 © 2012 Texas Instruments Incorporated Printed in U.S.A. by (Printer, City, State) The platform bar and Code Composer Studio are trademarks of Texas Instruments. All other trademarks are the property of their respective owners. and executing control code. The security accelerator provides security processing for a number of popular encryption and decryption modes and algorithms, including IPSec, SCTP, SRTP,3GPPandSSL/TLS. The C66x DSP cores in the K2H platform are ideal for running advanced analytics algorithms. Providing both fixed- and floating-point capability and high-speed device interconnectivity through HyperLink to connect multiple KeyStone devices, the K2H platform provides a scalable solution tofittheprocessingneedsofanyNVR/DVR system, including software implementations of advanced codecs like HEVC. With the Cortex-A15 processors integrated into the same K2H platform, or available stand alone in the K2E platform, developers have a full ARM-based Linux system allowing quick and easy migration to the low-power, high-performance KeyStone II devices while eliminating the need for an additional general- purpose CPU. Other Applications for High-End Imaging Include: • High-endinspectionsystems • PLCinindustrialautomation • Industrialprinters/scanners • Currency/counterfeitdetection Development Support Texas Instruments’ investment in hetero- geneous software tools makes programming and development simpler than ever. TI provides a free, downloadable Multicore Software Development Kit (MCSDK) which includes highly-optimized libraries and platform-specific drivers. TI also provides optimized single and multicore libraries for FFTs, image and video analytics, matrix math, and many other commonly used functions and algorithms. The multicore software development tools include support for OpenMP®, making it easier than ever to repurpose complex application software, and OpenCL™ which simplifies offloading tasks to the C66x DSP cores. Algorithm and system developers can recompile OpenMP code with TI’s Code Composer Studio™ Integrated Development Environment to run in supported KeyStone devices with little modification, substantially reducing the traditional porting time to embedded architectures. TI has numerous demonstration systems available to help developers see a complete system and to get up and running quickly. These include an industrial imaging demonstration and an image-processing demonstration that is incorporated into TI’s MCSDK. TI also provides free video codecs for the C66x DSP which come with production licensing and are available for download. Additional codecs are available via TI’s Design Network. To download TI’s multicore software, libraries and tools please visit www.ti.com/multicore. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |