Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP102
Description  Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102 Datasheet(HTML) 4 Page - Texas Instruments

  TMP102_13 Datasheet HTML 1Page - Texas Instruments TMP102_13 Datasheet HTML 2Page - Texas Instruments TMP102_13 Datasheet HTML 3Page - Texas Instruments TMP102_13 Datasheet HTML 4Page - Texas Instruments TMP102_13 Datasheet HTML 5Page - Texas Instruments TMP102_13 Datasheet HTML 6Page - Texas Instruments TMP102_13 Datasheet HTML 7Page - Texas Instruments TMP102_13 Datasheet HTML 8Page - Texas Instruments TMP102_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TemperatureError( C)
°
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
Temperature( C)
°
-60 -40
40
60
140 160
-20
20
0
80
100 120
40
38
36
34
32
30
28
26
24
22
20
Temperature( C)
°
-60
-20
40
60
140 160
3.6VSupply
1.4VSupply
-40
20
0
80
100 120
100
90
80
70
60
50
40
30
20
10
0
BusFrequency(Hz)
1k
10k
100k
1M
10M
-
°
55 C
+25 C
°
+125 C
°
20
18
16
14
12
10
8
6
4
2
0
Temperature( C)
°
-
60
-
20
40
60
140 160
3.6VSupply
-
40
0
20
80
100 120
1.4VSupply
10
9
8
7
6
5
4
3
2
1
0
Temperature( C)
°
-
60 -40
0
40
140 160
3.6VSupply
1.4VSupply
-
20
20
60
80
100 120
TMP102
SBOS397C – AUGUST 2007 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 3.3V, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
(4 Conversions per Second)
SHUTDOWN CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT vs BUS FREQUENCY
CONVERSION TIME vs TEMPERATURE
(Temperature at 3.3V Supply)
Figure 3.
Figure 4.
TEMPERATURE ERROR vs TEMPERATURE
TEMPERATURE ERROR AT +25°C
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com