Electronic Components Datasheet Search
  English  ▼

X  

SK845 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SK845
Description  8.0Amp Schottky Rectifier 20 to 100 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SK845 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SK845 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
· Operating & Storage Temperature:-55℃ to+125℃
· Maximum Junction Temperature: 150℃
· Typical Thermal Resistance: 18℃/W Junction To Lead
Electrical Characteristics@25℃ Unless Otherwise Specified
Item
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK82
SK82
20V
14V
20V
SK83
SK83
30V
21V
30V
SK84
SK84
40V
28V
40V
SK845
SK845
45V
31.5V
45V
SK85
SK85
50V
35V
50V
SK86
SK86
60V
42V
60V
SK88
SK88
80V
56V
80V
SK810
SK810
100V
70V
100V
Average Forward
Current
IF(AV)
8.0A
TL=95℃
Peak Forward Surge
Current
IFSM
200A
8.3ms,half
Sine
Maximum
Instantaneous
Forward Voltage
SK82-86
SK88-810
VF
.65V
.85V
.
IFM=8.0A;
TJ=25℃*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
20mA
TJ=25℃
TJ=100℃
Typical Junction
Capacitance
CJ
400pF
Measured at
1.0MHz,VR=4.0V
DO-214AB(SMC)
(High
·For surface mounted applications
·Extremely Low Thermal Resistance
·Easy Pick And Place
·High temperature soldering:250℃ for 10 seconds At Terminals
·High Current Capability With Low Forward Voltage
8.0Amp
Schottky Rectifier
20 to 100 Volts
SK82 THRU SK810
XINGHE ELECTRONICS
星合电子
1
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - SK845

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK845 MCC-SK845 Datasheet
81Kb / 3P
8 Amp Schottky Rectifier 20 to 100 Volts
logo
CHENG-YI ELECTRONIC CO....
SK845 CHENG-YI-SK845 Datasheet
143Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SK845 KEXIN-SK845 Datasheet
902Kb / 2P
Schottky Diodes
logo
Microdiode Semiconducto...
SK845 CHENDA-SK845 Datasheet
800Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SK845D DYELEC-SK845D Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK845

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020FCT MCC-MBR2020FCT Datasheet
1Mb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_08 Datasheet
188Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT_11 Datasheet
467Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2035 KERSEMI-MBR2035 Datasheet
470Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBRB2020CT MCC-MBRB2020CT_17 Datasheet
259Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com