Electronic Components Datasheet Search
  English  ▼

X  

HVP950 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP950
Description  UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP950 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP950 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP950 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hitron Electronics Corporation. B4-11, P.O. Box 26-110 Kaohsiung Export Processing Zone Kaohsiung 806 Taiwan
TEL: 886-7-8210410/FAX: 886-7-8419917, 886-7-8210511/E-mail: sales@hitron-e.com/ Web-site: www.hitron-e.com
2
OTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.6kgs (3.5lb)
DERATING CHART
DUAL OUTPUT
MAIN +VO1 @★≡⊙
AUX +VO2 @★≡⊙
MODEL NO.
Min.
Typ.
Volt.
Max.
Peak
Min.
Typ.
Volt.
Max.
Peak
HVP950-D560I
0A
13.4A
+56V
13.4A
13.4A
0A
16.6A
+12V
16.6A
16.6A
Symbol: "★" OVP built-in.
"@" Adjustable. "≡" Load Sharing. "⊙" Installed with Or-ing diode.
Remark: Maximum Output Power <=950 Watt
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
CNT1
CNT2
L
N
G
P1
P2
D1
D2
D3
D4
D5
D6
P3
P4
Alert
A2
DGND
5VSB
N/A
56V_CS
C1
C2
C3
C4
C5
C6
PS_PRNT
A1
PS_EN_IN DCOK_12V_L N/A
N/A
B1
B2
B3
B4
B5
B6
12V_CS
A0
PS_EN_OUT DCOK_56V_L N/A
N/A
A1
A2
A3
A4
A5
A6
LINE
NEUTRAL
GND
VO2
COM
SCL
SDA
AC_FAIL
FAN_FAL
N/A
N/A
VO1
RTN
VO1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com