Electronic Components Datasheet Search
  English  ▼

X  

PF1206F3 Datasheet(PDF) 2 Page - Protek Devices

Part # PF1206F3
Description  Fast acting chip fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF1206F3 Datasheet(HTML) 2 Page - Protek Devices

  PF1206F3 Datasheet HTML 1Page - Protek Devices PF1206F3 Datasheet HTML 2Page - Protek Devices PF1206F3 Datasheet HTML 3Page - Protek Devices PF1206F3 Datasheet HTML 4Page - Protek Devices PF1206F3 Datasheet HTML 5Page - Protek Devices PF1206F3 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05418.R0 6/13
Page 2
PF1206F Series
tyPical Device chaRacteRiSticS
electRical SPeciFicationS
PaRt
nuMBeR
MaRking
coDe
cuRRent
Rating
aMPS
voltage
Rating
inteRRuPting
Rating
(note 1)
ac/Dc
aMPS
tyPical
ReSiStance
(note 2)
ohMS
tyPical
Melt i2t
(note 3)
Dc (a2s)
tyPical
voltage DRoP
(note 4)
voltS
ac
voltS
Dc
voltS
PF1206F250
D
0.250
32
63
50
4.10
0.0004
1.30
PF1206F375
E
0.375
32
63
50
2.21
0.0008
0.93
PF1206F500
F
0.500
32
63
50
1.50
0.0018
0.76
PF1206F750
G
0.750
32
63
50
0.60
0.0055
0.68
PF1206F1
H
1.00
32
63
50
0.26
0.030
0.32
PF1206F1.25
J
1.25
32
63
50
0.24
0.046
0.27
PF1206F1.5
K
1.50
32
63
50
0.12
0.083
0.19
PF1206F1.75
M
1.75
32
63
50
0.10
0.090
0.18
PF1206F2
N
2.00
32
63
50
0.072
0.110
0.19
PF1206F2.5
O
2.50
32
63
50
0.051
0.240
0.16
PF1206F3
P
3.00
32
63
50
0.038
0.255
0.16
PF1206F3.5
R
3.50
32
32
50
0.025
0.280
0.14
PF1206F4
S
4.00
32
32
50
0.020
0.305
0.13
PF1206F4.5
X
4.50
32
32
50
0.017
0.395
0.12
PF1206F5
T
5.00
32
32
50
0.016
0.500
0.12
PF1206F6
Y
6.00
32
32
50
0.012
2.064
0.10
PF1206F7
U
7.00
32
32
50
0.010
2.720
0.10
PF1206F8
8
8.00
32
32
50
0.008
4.630
0.10
noteS
1. AC Interrupting Rating - measured at rated voltage with a unity power factor; DC Interrupting Rating - measured at rated voltage, time constant of less than 50 microseconds, battery
source.
2. DC Cold Resistance - measured at 10% of rated current.
3. Typical Melting I2t - measured with a battery bank at rated DC voltage, 10x-rated current, not to exceed IR, time constant of calirated circuit less than 50 microseconds. 6A, 7A and 8A
measured at interrupting rating.
4. Typical Voltage drop - measured at rated current after temperature stabilizes. Device designed to carry rated current for four hours minimum. An operating current of 75% or less of
rated current is recommended, with further derating required at elevated ambient temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com