Electronic Components Datasheet Search
  English  ▼

X  

HIP4086AB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP4086AB
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086AB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP4086AB Datasheet HTML 5Page - Intersil Corporation HIP4086AB Datasheet HTML 6Page - Intersil Corporation HIP4086AB Datasheet HTML 7Page - Intersil Corporation HIP4086AB Datasheet HTML 8Page - Intersil Corporation HIP4086AB Datasheet HTML 9Page - Intersil Corporation HIP4086AB Datasheet HTML 10Page - Intersil Corporation HIP4086AB Datasheet HTML 11Page - Intersil Corporation HIP4086AB Datasheet HTML 12Page - Intersil Corporation HIP4086AB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HIP4086, HIP4086A
9
FN4220.9
February 1, 2013
FIGURE 12. AVERAGE TURN-ON CURRENT (0 TO 5V)
FIGURE 13. AVERAGE TURN-OFF CURRENT (VDD TO 4V)
FIGURE 14. RISE AND FALL TIMES (10 to 90%)
FIGURE 15. PROPAGATION DELAY
FIGURE 16. DISABLE PIN PROPAGATION DELAY
FIGURE 17. REFRESH TIME
Typical Performance Curves (Continued)
-60
-40
-20
0
20
40
60
80
100 120 140 160
0
0.2
0.4
0.6
0.8
1
JUNCTION TEMPERATURE (°C)
CGATE = 1000pF
VDD = 15V
VDD = 8V
VDD = 10V
VDD = 12V
VDD = 7V
-60
-40
-20
0
20
40
60
80
100 120 140 160
0
0.4
0.8
1.2
1.6
2
JUNCTION TEMPERATURE (°C)
CGATE = 1000pF
VDD = 15V
VDD = 8V
VDD = 10V
VDD = 12V
VDD = 7V
-60
-40
-20
0
20
40
60
80
100 120 140 160
0
10
20
30
40
JUNCTION TEMPERATURE (°C)
RISE
FALL
VDD = XHB-XHS = 12V, CGATE = 1000pF
-60
-40
-20
0
20
40
60
80
100 120 140
160
20
40
60
80
100
JUNCTION TEMPERATURE (°C)
xHI to xHO
xLI to xLO
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
160
10
100
LOWER ENABLE TURN-ON
LOWER DISABLE TURN-OFF
UPPER DISABLE TURN-OFF
CRFSH (pF)
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
TJ = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com