Electronic Components Datasheet Search
  English  ▼

X  

HIP4086APZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4086APZ Datasheet HTML 1Page - Intersil Corporation HIP4086APZ Datasheet HTML 2Page - Intersil Corporation HIP4086APZ Datasheet HTML 3Page - Intersil Corporation HIP4086APZ Datasheet HTML 4Page - Intersil Corporation HIP4086APZ Datasheet HTML 5Page - Intersil Corporation HIP4086APZ Datasheet HTML 6Page - Intersil Corporation HIP4086APZ Datasheet HTML 7Page - Intersil Corporation HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
80V, 500mA, 3-Phase MOSFET Driver
HIP4086, HIP4086A
The HIP4086 and HIP4086A (referred to as the HIP4086/A) are
three phase N-Channel MOSFET drivers. Both parts are
specifically targeted for PWM motor control. These drivers have
flexible input protocol for driving every possible switch
combination. The user can even override the shoot-through
protection for switched reluctance applications.
The HIP4086/A have a wide range of programmable dead times
(0.5µs to 4.5µs) which makes them very suitable for the low
frequencies (up to 100kHz) typically used for motor drives.
The only difference between the HIP4086 and the HIP4086A is
that the HIP4086A has the built-in charge pumps disabled. This
is useful in applications that require very quiet EMI performance
(the charge pumps operate at 10MHz). The advantage of the
HIP4086 is that the built-in charge pumps allow indefinitely long
on times for the high-side drivers.
To insure that the high-side driver boot capacitors are fully
charged prior to turning on, a programmable bootstrap refresh
pulse is activated when VDD is first applied. When active, the
refresh pulse turns on all three of the low-side bridge FETs while
holding off the three high-side bridge FETs to charge the
high-side boot capacitors. After the refresh pulse clears, normal
operation begins.
Another useful feature of the HIP4086/A is the programmable
undervoltage set point. The set point range varies from 6.6V to
8.5V.
Features
• Independently drives 6 N-Channel MOSFETs in three phase
bridge configuration
• Bootstrap supply max voltage up to 95VDC with bias supply
from 7V to 15V
• 1.25A peak turn-off current
• User programmable dead time (0.5µs to 4.5µs)
• Bootstrap and optional charge pump maintain the high-side
driver bias voltage.
• Programmable bootstrap refresh time
• Drives 1000pF load with typical rise time of 20ns and Fall
Time of 10ns
• Programmable undervoltage set point
Applications
• Brushless Motors (BLDC)
•3-phase AC motors
• Switched reluctance motor drives
•Battery powered vehicles
•Battery powered tools
Related Literature
• AN9642 “HIP4086 3-Phase Bridge Driver Configurations and
Applications”
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. CHARGE PUMP OUTPUT CURRENT
Controller
AHO
CLO
BLO
ALO
CHO
BHO
CLI
BLI
ALI
CHI
BHI
AHI
CHS
AHS
BHS
CHB
AHB
BHB
VDD
RDEL
VDD
Speed
Brake
Battery
24V...48V
VSS
-60
-40
-20
0
20
40
60
80
100 120 140 160
200
150
100
50
0
JUNCTION TEMPERATURE (°C)
VxHB - VxHS = 10V
February 1, 2013
FN4220.9
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2011, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIP4086APZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
486Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
June 1, 2011
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086APZ INTERSIL-HIP4086APZ Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086APZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
80V, 0.50A Four Phase Driver
February 1998
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4086 INTERSIL-HIP4086_11 Datasheet
486Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
June 1, 2011
logo
Allegro MicroSystems
A4915METTR-T ALLEGRO-A4915METTR-T Datasheet
378Kb / 17P
3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Monolithic Power System...
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
80V, 500mA, 3-Phase MOSFET Driver
logo
IXYS Corporation
IXA531 IXYS-IXA531 Datasheet
368Kb / 11P
500mA 3-Phase Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com