Electronic Components Datasheet Search
  English  ▼

X  

DAC7568 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7568
Description  12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC7568 Datasheet HTML 45Page - Texas Instruments DAC7568 Datasheet HTML 46Page - Texas Instruments DAC7568 Datasheet HTML 47Page - Texas Instruments DAC7568 Datasheet HTML 48Page - Texas Instruments DAC7568 Datasheet HTML 49Page - Texas Instruments DAC7568 Datasheet HTML 50Page - Texas Instruments DAC7568 Datasheet HTML 51Page - Texas Instruments DAC7568 Datasheet HTML 52Page - Texas Instruments DAC7568 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
V
=
HYST
´ 10 (ppm/ C)
°
6
|V
V
|
-
REF_PRE
REF_POST
V
REF_NOM
OutputPin
Meter
Load
ForceLine
SenseLine
Contactand
TraceResistance
I
L
V
OUT
DAC7568
DAC8168
DAC8568
www.ti.com
SBAS430D – JANUARY 2009 – REVISED MAY 2012
Load Regulation
Thermal Hysteresis
Load regulation is defined as the change in reference
Thermal hysteresis for a reference is defined as the
output voltage as a result of changes in load current.
change in output voltage after operating the device at
The load regulation of the internal reference is
+25°C, cycling the device through the operating
measured using force and sense contacts as shown
temperature
range,
and
returning
to
+25°C.
in Figure 126. The force and sense lines reduce the
Hysteresis is expressed by Equation 3:
impact of contact and trace resistance, resulting in
accurate
measurement
of
the
load
regulation
contributed
solely
by
the
internal
reference.
Measurement results are summarized in the Typical
(3)
Characteristics. Force and sense lines should be
Where:
used for applications that require improved load
VHYST = thermal hysteresis.
regulation.
VREF_PRE = output voltage measured at +25°C
pre-temperature cycling.
VREF_POST = output voltage measured after the
device cycles through the temperature range of
–40°C to +125°C, and returns to +25°C.
DAC NOISE PERFORMANCE
Typical
noise
performance
for
the
DAC7568,
DAC8168, and DAC8568 with the internal reference
enabled is shown in Figure 66 to Figure 67. Output
noise spectral density at the VOUT pin versus
frequency is depicted in Figure 66 for full-scale,
Figure 126. Accurate Load Regulation of the
midscale, and zero-scale input codes. The typical
DAC7568/DAC8168/DAC8568 Internal Reference
noise density for midscale code is 120nV/
√Hz at
1kHz and 100nV/
√Hz at 1MHz. High-frequency noise
can be improved by filtering the reference noise.
Long-Term Stability
Integrated output noise between 0.1Hz and 10Hz is
Long-term stability/aging refers to the change of the
close to 6
μVPP (midscale), as shown in Figure 67.
output voltage of a reference over a period of months
or years. This effect lessens as time progresses (see
Figure 7, the typical long-term stability curve). The
typical drift value for the internal reference is 50ppm
from 0 hours to 1900 hours. This parameter is
characterized by powering-up 20 units and measuring
them at regular intervals for a period of 1900 hours.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com