Electronic Components Datasheet Search
  English  ▼

X  

IXTF02N450 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTF02N450
Description  High Voltage Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF02N450 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTF02N450 Datasheet HTML 1Page - IXYS Corporation IXTF02N450 Datasheet HTML 2Page - IXYS Corporation IXTF02N450 Datasheet HTML 3Page - IXYS Corporation IXTF02N450 Datasheet HTML 4Page - IXYS Corporation IXTF02N450 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTF02N450
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 60V, ID = 30mA, Note 1
60
100
mS
C
iss
256
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
19
pF
C
rss
5.5
pF
R
Gi
Gate Input Resistance
76
Ω
t
d(on)
17
ns
t
r
48
ns
t
d(off)
28
ns
t
f
143
ns
Q
g(on)
10.4
nC
Q
gs
V
GS = 10V, VDS = 1kV, ID = 0.5 • ID25
3.4
nC
Q
gd
5.0
nC
R
thJC
1.6
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
200 mA
I
SM
Repetitive, Pulse Width Limited by T
JM
800 mA
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
I
F = 200mA, -di/dt = 50A/μs, VR = 100V
1.6
μs
Notes: 1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Part must be heatsunk for high-temp I
DSS measurement.
ISOPLUS i4-PakTM (HV) Outline
Pin 1 = Gate
Pin 2 = Soure
Pin 3 = Drain
Pin 4 = Isolated
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Resistive Switching Times
V
GS = 10V, VDS = 500V, ID = 100mA
R
G = 10Ω (External)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com