Electronic Components Datasheet Search
  English  ▼

X  

EVAL6470H Datasheet(PDF) 30 Page - STMicroelectronics

Part # EVAL6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6470H Datasheet(HTML) 30 Page - STMicroelectronics

Back Button EVAL6470H Datasheet HTML 26Page - STMicroelectronics EVAL6470H Datasheet HTML 27Page - STMicroelectronics EVAL6470H Datasheet HTML 28Page - STMicroelectronics EVAL6470H Datasheet HTML 29Page - STMicroelectronics EVAL6470H Datasheet HTML 30Page - STMicroelectronics EVAL6470H Datasheet HTML 31Page - STMicroelectronics EVAL6470H Datasheet HTML 32Page - STMicroelectronics EVAL6470H Datasheet HTML 33Page - STMicroelectronics EVAL6470H Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
Functional description
L6470
30/70
Doc ID16737 Rev 5
6.12
Reset and standby
The device can be reset and put into Standby mode through a dedicated pin. When the
STBY\RST pin is driven low, the bridges are left open (High Z state), the internal charge
pump is stopped, the SPI interface and control logic are disabled and the internal 3 V
voltage regulator maximum output current is reduced to IREG,STBY; as a result, the L6470
heavily reduces the power consumption. At the same time the register values are reset to
default and all protection functions are disabled. STBY\RST input must be forced low at
least for tSTBY,min in order to ensure the complete switch to Standby mode.
On exiting Standby mode, as well as for IC power-up, a delay of up to tlogicwu must be given
before applying a new command to allow proper oscillator and logic startup and a delay of
up to tcpwu must be given to allow the charge pump startup.
On exiting Standby mode, the bridges are disabled (HiZ flag high) and any motion command
makes the device exit High Z state (HardStop and SoftStop included).
Attention:
It is not recommended to reset the device when outputs are
active. The device should be switched to high impedance
state before being reset.
6.13
External switch (SW pin)
The SW input is internally pulled up to VDD and detects if the pin is open or connected to
ground (see Figure 13).
The SW_F bit of the STATUS register indicates if the switch is open (‘0’) or closed (‘1’) (see
Section 9.1.22); the bit value is refreshed at every system clock cycle (125 ns). The
SW_EVN flag of the STATUS register is raised when a switch turn-on event (SW input falling
edge) is detected (see Section 9.1.22). A GetStatus command releases the SW_EVN flag
(see Section 9.2.20).
By default, a switch turn-on event causes a HardStop interrupt (SW_MODE bit of CONFIG
register set to ‘0’). Otherwise (SW_MODE bit of CONFIG register set to ‘1’), switch input
events do not cause interrupts and the switch status information is at the user’s disposal
(see Table 34, Section 9.1.22).
The switch input may be used by the GoUntil and ReleaseSW commands as described in
Section 9.2.10 and 9.2.11.
If the SW input is not used, it should be connected to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com