Electronic Components Datasheet Search
  English  ▼

X  

L9952XP Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9952XP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952XP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9952XP Datasheet HTML 47Page - STMicroelectronics L9952XP Datasheet HTML 48Page - STMicroelectronics L9952XP Datasheet HTML 49Page - STMicroelectronics L9952XP Datasheet HTML 50Page - STMicroelectronics L9952XP Datasheet HTML 51Page - STMicroelectronics L9952XP Datasheet HTML 52Page - STMicroelectronics L9952XP Datasheet HTML 53Page - STMicroelectronics L9952XP Datasheet HTML 54Page - STMicroelectronics L9952XP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 5
51/68
7.14.7
CSN timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; 4.5V < V1 < 5.3V; all outputs open; Tj = -40°C...130°C,
unless otherwise specified.
Figure 16. SPI - Input timing
Table 34.
CSN timing
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
7.14.36
tCSN_HI,min
Minimum CSN HI time,
active mode
Transfer of SPI-
command to input
register
6-
-
µs
0.8 VCC
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
0.2 VCC
Valid
Valid
CSN
CLK
DI
t
set CSN
t
CLKH
t
set CLK
t
CLKL
t
hold DI
t
set DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com