Electronic Components Datasheet Search
  English  ▼

X  

LIS352ARTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIS352ARTR
Description  MEMS motion sensor: 3-axis 2 g analog-output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352ARTR Datasheet(HTML) 3 Page - STMicroelectronics

  LIS352ARTR Datasheet HTML 1Page - STMicroelectronics LIS352ARTR Datasheet HTML 2Page - STMicroelectronics LIS352ARTR Datasheet HTML 3Page - STMicroelectronics LIS352ARTR Datasheet HTML 4Page - STMicroelectronics LIS352ARTR Datasheet HTML 5Page - STMicroelectronics LIS352ARTR Datasheet HTML 6Page - STMicroelectronics LIS352ARTR Datasheet HTML 7Page - STMicroelectronics LIS352ARTR Datasheet HTML 8Page - STMicroelectronics LIS352ARTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LIS352AR
Block diagram and pin description
Doc ID 16933 Rev 1
3/15
1
Block diagram and pin description
Figure 1.
Block diagram
1.1
Pin connections and description
Figure 2.
Pin connection
S/H
S/H
Routx
Routz
REFERENCE
CLOCK
S/H
Routy
CHARGE
AMPLIFIER
DEMUX
Voutx
Voutz
Vouty
Aux_in
Vout
S1 S0
MUX
Y+
Z+
Y-
Z-
X+
X-
a
SELF-TEST
MUX
TRIMMING CIRCUIT
AM06049v1
(TOP VIEW)
DIRECTIONS OF
DETECTABLE
ACCELERATIONS
(BOTTOM VIEW)
NC
Reserved
S0
S1
ST
PD
Vouty
Voutz
GND
Vout
Aux_in
Vdd
Y
1
X
Z
13
1
6
8
AM06050v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com