Electronic Components Datasheet Search
  English  ▼

X  

HT34B Datasheet(PDF) 6 Page - Littelfuse

Part # HT34B
Description  Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HT34B Datasheet(HTML) 6 Page - Littelfuse

  HT34B Datasheet HTML 1Page - Littelfuse HT34B Datasheet HTML 2Page - Littelfuse HT34B Datasheet HTML 3Page - Littelfuse HT34B Datasheet HTML 4Page - Littelfuse HT34B Datasheet HTML 5Page - Littelfuse HT34B Datasheet HTML 6Page - Littelfuse HT34B Datasheet HTML 7Page - Littelfuse HT34B Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
342
Revised: July 9, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional DIAC Trigger
HTxxx & HTMxxx & STxxx Series
Dimensions – DO-214 (S Package)
H
K
J
E
A
C
D
B
T /T TEMPERATURE
MEASUREMENT POINT
CL
G
L
F
Recommended Soldering Pad Outline
(Reference Only)
2.80
(.110”)
2.00
(.079”)
2.00
(.079”)
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.140
0.155
3.56
3.94
B
0.205
0.220
5.21
5.59
C
0.077
0.083
1.96
2.11
D
0.166
0.180
4.22
4.57
E
0.036
0.063
0.91
1.60
F
0.066
0.083
1.67
2.11
G
0.004
0.008
0.10
0.20
H
0.077
0.086
1.96
2.18
J
0.043
0.053
1.09
1.35
K
0.008
0.012
0.20
0.30
L
0.039
0.049
0.99
1.24
Packing Options
Part
Number
Marking
Package
Weight/
Unit
Packing
Mode
Base
Quantity
Quantity
Reel
Box
HTM-xxxRP
—
MINIMELF
0.040g
Tape & Reel
5000
2500
—
HT-xxxRP
—
DO35
0.150g
Tape & Reel
5000
5000
—
HT-xxx
—
DO35
0.150g
Bulk
5000
—
5000
ST-xxxRP
STxxx
DO214
0.075g
Tape & Reel
2500
2500
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com