Electronic Components Datasheet Search
  English  ▼

X  

STF30N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF30N65M5
Description  N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF30N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF30N65M5 Datasheet HTML 3Page - STMicroelectronics STF30N65M5 Datasheet HTML 4Page - STMicroelectronics STF30N65M5 Datasheet HTML 5Page - STMicroelectronics STF30N65M5 Datasheet HTML 6Page - STMicroelectronics STF30N65M5 Datasheet HTML 7Page - STMicroelectronics STF30N65M5 Datasheet HTML 8Page - STMicroelectronics STF30N65M5 Datasheet HTML 9Page - STMicroelectronics STF30N65M5 Datasheet HTML 10Page - STMicroelectronics STF30N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
STB/F/I/P/W30N65M5
Electrical characteristics
Doc ID 15331 Rev 3
7/22
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
20
10
0
0
10
VDS(V)
20
(A)
5
15
25
35
5V
6V
7V
VGS=10V
30
25
15
5
30
40
45
AM05465v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
10
20
35
30
25
40
45
VDS=15V
AM05466v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=520V
ID=11A
50
12
240
160
80
0
320
400
VDS
VGS
480
60
70
AM05471v1
RDS(on)
0.11
0.10
0.09
0.08
0
20
ID(A)
(
Ω)
10
25
0.12
0.13
0.14
15
5
AM05468v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM05469v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
8
200 300
10
12
500
600
AM05470v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com