Electronic Components Datasheet Search
  English  ▼

X  

8EWF06S Datasheet(PDF) 2 Page - International Rectifier

Part # 8EWF06S
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF06S Datasheet(HTML) 2 Page - International Rectifier

  8EWF06S Datasheet HTML 1Page - International Rectifier 8EWF06S Datasheet HTML 2Page - International Rectifier 8EWF06S Datasheet HTML 3Page - International Rectifier 8EWF06S Datasheet HTML 4Page - International Rectifier 8EWF06S Datasheet HTML 5Page - International Rectifier 8EWF06S Datasheet HTML 6Page - International Rectifier 8EWF06S Datasheet HTML 7Page - International Rectifier 8EWF06S Datasheet HTML 8Page - International Rectifier 8EWF06S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
I2124 rev. B 10/99
8EWF..S
QUIET
IR Series
I
F(AV)
Max.AverageForwardCurrent
8
A
@ T
C
=96°C,180°conductionhalfsinewave
I
FSM
Max.PeakOneCycleNon-Repetitive
170
10msSinepulse,ratedV
RRM applied
SurgeCurrent
200
10msSine pulse,novoltagereapplied
I2t
Max. I2t for fusing
140
10msSinepulse,ratedV
RRM
applied
200
10msSinepulse,novoltagereapplied
I2
√t Max. I2√t for fusing
2000
A2
√s
t=0.1to10ms,novoltagereapplied
Voltage Ratings
Part Number
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
8EWF02S
200
300
3
8EWF04S
400
500
8EWF06S
600
700
Absolute Maximum Ratings
Parameters
8EWF..S
Units
Conditions
t
rr
Reverse Recovery Time
140
ns
I
F
@ 8Apk
I
rr
Reverse Recovery Current
2.6
A
@ 25A/µs
Q
rr
Reverse Recovery Charge
0.25
µC
@ T
J
= 25°C
S
Snap Factor
tb/ta
0.5
-
Parameters
8EWF..S
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.2
V
@ 8A, T
J
= 25°C
r
t
Forward slope resistance
16
m
Ω
VF(TO) Threshold voltage
1.13
V
I
RM
Max. Reverse Leakage Current
0.1
T
J
= 25 °C
3TJ = 150 °C
Electrical Specifications
Parameters
8EWF..S
Units
Conditions
T
J
= 150°C
V
R
= rated V
RRM
mA
Typical Reverse Recovery Characteristics
t
IFM
trr
Qrr
Irr
di
dt
tb
ta
Document Number: 93160
www.vishay.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com