Electronic Components Datasheet Search
  English  ▼

X  

IRS2301STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2301STRPBF
Description  Floating channel designed for bootstrap operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2301STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2301STRPBF Datasheet HTML 1Page - International Rectifier IRS2301STRPBF Datasheet HTML 2Page - International Rectifier IRS2301STRPBF Datasheet HTML 3Page - International Rectifier IRS2301STRPBF Datasheet HTML 4Page - International Rectifier IRS2301STRPBF Datasheet HTML 5Page - International Rectifier IRS2301STRPBF Datasheet HTML 6Page - International Rectifier IRS2301STRPBF Datasheet HTML 7Page - International Rectifier IRS2301STRPBF Datasheet HTML 8Page - International Rectifier IRS2301STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.irf.com
© 2009 International Rectifier
1
September 30, 2009
Datasheet No – PD 97421
IRS2301S
HIGH AND LOW SIDE DRIVER
Features
• Floating channel designed for bootstrap operation
• Fully operational to +600V
• Tolerant to negative transient voltage – dV/dt immune
• Gate drive supply range from 5V to 20V
• Undervoltage lockout for both channels
• 3.3V, 5V and 15V input logic compatible
• Matched propagation delay for both channels
• Outputs in phase with inputs
• Lower di/dt gate driver for better noise immunity
•
Leadfree, RoHS compliant
Typical Applications
o
Appliance motor drives
o
Servo drives
o
Micro inverter drives
o
General purpose three phase inverters
Product Summary
VOFFSET
600V Max
VOUT
5V – 20V
Io+ & I o- (min)
120mA / 250mA
tON & tOFF (typical)
220ns / 200ns
Delay Matching
50ns
Package Options
8-Lead SOIC
IRS2301S
Typical Connection Diagram


Similar Part No. - IRS2301STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
Floating channel designed for bootstrap operation
More results

Similar Description - IRS2301STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
Floating channel designed for bootstrap operation
AUIRS2003S IRF-AUIRS2003S_15 Datasheet
395Kb / 14P
Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
Floating channel designed for bootstrap operation
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
Floating channel designed for bootstrap operation
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com