Electronic Components Datasheet Search
  English  ▼

X  

BA3404FVM Datasheet(PDF) 22 Page - Rohm

Part # BA3404FVM
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3404FVM Datasheet(HTML) 22 Page - Rohm

Back Button BA3404FVM Datasheet HTML 18Page - Rohm BA3404FVM Datasheet HTML 19Page - Rohm BA3404FVM Datasheet HTML 20Page - Rohm BA3404FVM Datasheet HTML 21Page - Rohm BA3404FVM Datasheet HTML 22Page - Rohm BA3404FVM Datasheet HTML 23Page - Rohm BA3404FVM Datasheet HTML 24Page - Rohm BA3404FVM Datasheet HTML 25Page - Rohm BA3404FVM Datasheet HTML 26Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
22/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 Ta [℃]
BA10358F
BA10358FV
620mW (*1)
550mW (*2)
(a) BA10358 ファミリ
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 Ta [℃]
BA10324AFV
BA10324AF
700mW (*3)
490mW (*4)
(a) BA10324A ファミリ
0
200
400
600
800
1000
0
25
50
75
100
125
150
周囲温度 Ta [℃]
BA2904F
BA3404F
BA2904FV
BA2904FVM
BA3404FVM
780mW( *5)
690mW( *6)
590mW (*7)
BA3404F
BA3404FVM
(a) BA2904 ファミリ
0
200
400
600
800
1000
0
25
50
75
100
125
150
周囲温度 Ta [℃]
BA2902FV
BA2902KN
BA2902F
870mW( *8)
660mW( *9)
610mW (*10)
(a) BA2902 ファミリ
Fig. 125 Thermal resistance and derating
(b)
620mW(*15)
550mW(*16)
700mW(*17)
490mW(*18)
780mW(*19)
690mW(*20)
590mW(*21)
BA2904FVM
BA2904SFV
105
870mW(*22)
660mW(*23)
610mW(*24)
(c) BA10358 family
(d) BA10324 family
Ambient temperature :Ta [℃]
Ambient temperature :Ta [℃]
Ambient temperature :Ta [℃]
Ambient temperature :Ta [℃]
BA2904SF
BA2904SFVM
85
BA2902SFV
BA2902SKN
BA2902SF
105
(e) BA2904/BA3404 family
(f) BA2902 family
●Derating curves
Power dissipation(total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal
resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead
frame of the package. The parameter which indicatesthis heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol
θja[℃/W].The temperature of IC inside the package can be estimated by this
thermal resistance. Fig.125(a) shows the model of thermal resistance of the package. Thermal resistance
θja, ambient
temperature Ta, junction temperature Tj, and power dissipation Pd can be calculated by the equation below:
θja = (Tj-Ta) / Pd
[℃/W]
・・・・・ (Ⅰ)
Derating curve in Fig.125(b) indicates power that can be consumed by IC with reference to ambient temperature.Power that
can be consumed by IC begins to attenuate at certain ambient temperature. This gradient iis determined by thermal
resistance
θja. Thermal resistance θja depends on chip size, power consumption, package,ambient temperature, package
condition, wind velocity, etc even when the same of package is used.
Thermal reduction curve indicates a reference value measured at a specified condition. Fig.126(c)~(f) show a derating
curve for an example of BA10358, BA10324A, BA2904S, BA2904, BA2902S, BA2902, BA3404.
(*15)
(*16)
(*17)
(*18)
(*19)
(*20)
(*21)
(*22)
(*23)
(*24)
Unit
6.2
5.5
7.0
4.9
6.2
5.5
4.8
7.0
5.3
4.9
[mW/℃]
When using the unit above Ta=25[℃], subtract the value above per degree [℃].
Permissible dissipation is the value when FR4 glass epoxy board 70[mm] ×70[mm] ×1.6[mm] (cooper foil area below 3[%]) is mounted.
Fig. 126
Derating curve
(a)Thermal resistance
(b) Derating curve
周囲温度 Ta [℃]
チップ 表面温度 Tj [℃]
消費電力 P [W]
θja = ( Tj ーTa ) / Pd [℃/W]
Ambient temperature
Chip surface temperature
Power dissipation Pd[W]
0
50
75
100
125
150
25
P1
P2
Pd (max)
LSI
の 消費電 力 [W]
θ' ja2
θ' ja1
Tj ' (max)
θja2 < θja1
周囲 温度 Ta [℃ ]
θ ja2
θ ja1
Tj (max)
Ambient temperature
Power dissipation of LSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com