Electronic Components Datasheet Search
  English  ▼

X  

MRF182 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF182
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF182 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF182 Datasheet HTML 1Page - Motorola, Inc MRF182 Datasheet HTML 2Page - Motorola, Inc MRF182 Datasheet HTML 3Page - Motorola, Inc MRF182 Datasheet HTML 4Page - Motorola, Inc MRF182 Datasheet HTML 5Page - Motorola, Inc MRF182 Datasheet HTML 6Page - Motorola, Inc MRF182 Datasheet HTML 7Page - Motorola, Inc MRF182 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF182
MOTOROLA RF DEVICE DATA
Figure 1. MRF182 Schematic
B1
Short RF Bead Fair Rite–274301944
C1
18 pF Chip Capacitor
C2, C3, C6, C9
43 pF Chip Capacitor
C4
100 pF Chip Capacitor
C5, C12
10
µF, 50 Vdc Electrolytic Capacitor
C7, C10
1000 pF Chip Capacitor
C8, C11
0.1
µF, 50 Vdc Chip Capacitor
C13
250
µF, 50 Vdc Electrolytic Capacitor
C14
0.6–4.5 pF Variable Capacitor
R1
R2
R3
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
L1
B1
R4
DUT
C14
C13
C12
TL1
TL2
TL3
TL4
RF
INPUT
RF
OUTPUT
VGG
VDD
L1
5 Turns, 20 AWG, IDIA 0.126
R1
10 k
Ω, 1/4 W Resistor
R2
13 k
Ω, 1/4 W Resistor
R3
1.0 k
Ω, 1/4 W Chip Resistor
R4
4 x 39
Ω, 1/8 W Chip Resistor
″TL1–TL4
Microstrip Line See Photomaster
Ckt Board
1/32
″ Glass Teflon, εr = 2.55
ARLON–GX–0300–55–22



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com