Electronic Components Datasheet Search
  English  ▼

X  

PC925L Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC925L
Description  High Speed, 2.5A Output, Gate Drive DIP 8 pin
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC925L Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC925L Datasheet HTML 2Page - Sharp Corporation PC925L Datasheet HTML 3Page - Sharp Corporation PC925L Datasheet HTML 4Page - Sharp Corporation PC925L Datasheet HTML 5Page - Sharp Corporation PC925L Datasheet HTML 6Page - Sharp Corporation PC925L Datasheet HTML 7Page - Sharp Corporation PC925L Datasheet HTML 8Page - Sharp Corporation PC925L Datasheet HTML 9Page - Sharp Corporation PC925L Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Sheet No.: D4-A09301EN
PC925L0NSZ0F Series
Fig.14 High Level Output Voltage Drop vs.
Ambient Temperature
Fig.15 High Level Output Voltage Drop vs.
Supply Voltage
Fig.12 Total Power Dissipation vs.
Ambient Temperature
Fig.13 Forward Current vs.
Forward Voltage
Fig.10 Forward Currenet vs.
Ambient Temperature
Fig.11 Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
25
30
Ambient temperature Ta (˚C)
−50 −40 −25
050
25
125
100
75
70
50
100
150
200
250
300
0
−50 −40 −25
050
25
125
100
75
70
Ambient temperature Ta (˚C)
50
100
150
200
250
350
300
295
Ambient temperature Ta (˚C)
0
−50 −40 −25
050
25
125
100
75
70
0.1
10
1
100
1.2
1
1.4
1.6
1.8
2
Forward voltage VF (V)
Ta=50˚C
Ta=25˚C
Ta=100˚C
Ta=−40˚C
Ta=0˚C
−2.5
−3
−3.5
−2
−1.5
−1
−0.5
0
−4
−40
−20
0
40
20
100
80
60
Ambient temperature Ta (˚C)
IF=10mA,
IO=0.1A,
VCC=30V
−2.5
−3
−3.5
−2
−1.5
−1
−0.5
0
−4
15
20
30
25
Supply voltage VCC (V)
Ta=25˚C,
IF=10mA,
IO=0.1A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com