Electronic Components Datasheet Search
  English  ▼

X  

PCF8574P Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8574P
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574P Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8574P Datasheet HTML 13Page - NXP Semiconductors PCF8574P Datasheet HTML 14Page - NXP Semiconductors PCF8574P Datasheet HTML 15Page - NXP Semiconductors PCF8574P Datasheet HTML 16Page - NXP Semiconductors PCF8574P Datasheet HTML 17Page - NXP Semiconductors PCF8574P Datasheet HTML 18Page - NXP Semiconductors PCF8574P Datasheet HTML 19Page - NXP Semiconductors PCF8574P Datasheet HTML 20Page - NXP Semiconductors PCF8574P Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
17 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
14. Dynamic characteristics
[1]
All the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL and VIH with an input
voltage swing of VSS to VDD.
Table 10.
Dynamic characteristics
VDD = 2.5 V to 6 V; VSS =0V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I2C-bus timing[1] (see Figure 17)
fSCL
SCL clock frequency
-
-
100
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
-
s
tHD;STA
hold time (repeated) START condition
4
-
-
s
tSU;STA
set-up time for a repeated START condition
4.7
-
-
s
tSU;STO
set-up time for STOP condition
4
-
-
s
tHD;DAT
data hold time
0
-
-
ns
tVD;DAT
data valid time
-
-
3.4
s
tSU;DAT
data set-up time
250
-
-
ns
tLOW
LOW period of the SCL clock
4.7
-
-
s
tHIGH
HIGH period of the SCL clock
4
-
-
s
tr
rise time of both SDA and SCL signals
-
-
1
s
tf
fall time of both SDA and SCL signals
-
-
0.3
s
Port timing (see Figure 8 and Figure 9)
tv(Q)
data output valid time
CL  100 pF
-
-
4
s
tsu(D)
data input set-up time
CL  100 pF
0
-
-
s
th(D)
data input hold time
CL  100 pF
4
-
-
s
Interrupt INT timing (see Figure 9)
tv(INT)
valid time on pin INT
from port to INT;
CL  100 pF
--
4
s
trst(INT)
reset time on pin INT
from SCL to INT;
CL  100 pF
--
4
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com