Electronic Components Datasheet Search
  English  ▼

X  

PDTC143XT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC143XT
Description  NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC143XT Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC143XT Datasheet HTML 1Page - NXP Semiconductors PDTC143XT Datasheet HTML 2Page - NXP Semiconductors PDTC143XT Datasheet HTML 3Page - NXP Semiconductors PDTC143XT Datasheet HTML 4Page - NXP Semiconductors PDTC143XT Datasheet HTML 5Page - NXP Semiconductors PDTC143XT Datasheet HTML 6Page - NXP Semiconductors PDTC143XT Datasheet HTML 7Page - NXP Semiconductors PDTC143XT Datasheet HTML 8Page - NXP Semiconductors PDTC143XT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistor (RET) family in Surface-Mounted Device (SMD)
plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PDTC143X series
NPN resistor-equipped transistors;
R1 = 4.7 k
, R2 = 10 k
Rev. 11 — 9 December 2011
Product data sheet
Table 1.
Product overview
Type number
Package
PNP
complement
Package
configuration
NXP
JEITA
JEDEC
PDTC143XE
SOT416
SC-75
-
PDTA143XE
ultra small
PDTC143XM
SOT883
SC-101
-
PDTA143XM
leadless ultra small
PDTC143XT
SOT23
-
TO-236AB PDTA143XT
small
PDTC143XU
SOT323
SC-70
-
PDTA143XU
very small
100 mA output current capability
Reduces component count
Built-in bias resistors
Reduces pick and place costs
Simplifies circuit design
AEC-Q101 qualified
Digital applications in automotive and
industrial segments
Cost-saving alternative for BC847/857
series in digital applications
Control of IC inputs
Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
R2/R1
bias resistor ratio
1.7
2.1
2.6


Similar Part No. - PDTC143XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143XT PHILIPS-PDTC143XT Datasheet
50Kb / 8P
NPN resistor-equipped transistor
1999 Apr 20
PDTC143XT PHILIPS-PDTC143XT Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTC143XT PHILIPS-PDTC143XT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTC143XT NXP-PDTC143XT Datasheet
147Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 10-16 November 2009
logo
Nexperia B.V. All right...
PDTC143XT NEXPERIA-PDTC143XT Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
More results

Similar Description - PDTC143XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PDTC143X NXP-PDTC143X Datasheet
147Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 10-16 November 2009
PDTC143Z NXP-PDTC143Z Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PEMH18 NXP-PEMH18 Datasheet
109Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 03-20 November 2009
PDTC143X PHILIPS-PDTC143X_15 Datasheet
752Kb / 17P
NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 10 k?
Rev. 11-9 December 2011
PDTC143XMB PHILIPS-PDTC143XMB_15 Datasheet
722Kb / 11P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 1-7 June 2012
PEMH18_PUMH18 PHILIPS-PEMH18_PUMH18_15 Datasheet
589Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PDTC143XMB NEXPERIA-PDTC143XMB Datasheet
962Kb / 12P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
PDTC143X_SER NEXPERIA-PDTC143X_SER Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com