Electronic Components Datasheet Search
  English  ▼

X  

ADP196 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP196
Description  5 V, 3 A, Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP196 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP196 Datasheet HTML 5Page - Analog Devices ADP196 Datasheet HTML 6Page - Analog Devices ADP196 Datasheet HTML 7Page - Analog Devices ADP196 Datasheet HTML 8Page - Analog Devices ADP196 Datasheet HTML 9Page - Analog Devices ADP196 Datasheet HTML 10Page - Analog Devices ADP196 Datasheet HTML 11Page - Analog Devices ADP196 Datasheet HTML 12Page - Analog Devices ADP196 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADP196
Data Sheet
Rev. 0 | Page 10 of 12
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP196 is designed for operation with small, space-saving
ceramic capacitors but functions with most commonly used
capacitors when the effective series resistance (ESR) value is
carefully considered. The ESR of the output capacitor affects the
response to load transients. A typical 1 µF capacitor with an ESR of
0.1 Ω or less is recommended for good transient response. Using a
larger value of output capacitance improves the transient response
to large changes in load current.
Input Bypass Capacitor
Connecting at least 1 µF of capacitance from VIN to GND reduces
the circuit sensitivity to the PCB layout, especially when high
source impedance or long input traces are encountered. When
more than 1 µF of output capacitance is required, increase the
input capacitance to match it.
GROUND CURRENT
The major source of ground current in the ADP196 is the internal
charge pump for the FET drive circuitry. Figure 22 shows the
typical ground current when VEN = VIN and varies from 1.8 V
to 5.5 V.
0
5
10
15
20
25
30
35
40
45
50
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
50mA
100mA
200mA
500mA
1000mA
3000mA
Figure 22. Ground Current vs. Input Voltage (VIN) for Different Load Currents
ENABLE FEATURE
The ADP196 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 23,
when a rising voltage (VEN) on the EN pin crosses the active
threshold, VOUT turns on. When a falling voltage (VEN) on
the EN pin crosses the inactive threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.2
0.4
0.6
0.8
1.0
1.2
ENABLE VOLTAGE (V)
VEN FALLING
VEN RISING
VOUT AT 3.6V
Figure 23. Typical EN Pin Operation
As shown in Figure 23, the EN pin has built-in hysteresis. The
hysteresis prevents on/off oscillations that can occur due to
noise on the EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage; therefore, these thresholds vary with changing input
voltage. Figure 24 shows the typical EN active/inactive thresholds
when the input voltage varies from 1.8 V to 5.5 V.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
INPUT VOLTAGE (V)
EN RISE
EN FALL
Figure 24. Typical EN Thresholds vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com