Electronic Components Datasheet Search
  English  ▼

X  

IDS-53 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # IDS-53
Description  Amphenol Industrial Global Operations (AIGO) offers products and solutions for all segments of the solar electric system.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IDS-53 Datasheet(HTML) 2 Page - Amphenol Corporation

  IDS-53 Datasheet HTML 1Page - Amphenol Corporation IDS-53 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notice: Specifications are subject to change without notice. Contact your nearest Amphenol Corporation Sales Office for the latest specifications. All statements, information and data given herein are believed to be accurate and reliable but are
presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement
and are not
recommendations to infringe any patent. The user should assume that all safety measures are indicated or that other measures may not be required. Specifications are typical and may not apply to all connectors.
North America:
Amphenol Industrial Operations
180 N. Freeport Drive, Plant 4
Nogales, AZ 85621
Tel: (520) 285-5130
Fax: (520) 285-5134
Email: rpedrazzini@amphenol-aio.com
Europe:
Amphenol Industrial Operations Europe
Via Barbaiana 5
1-20020 Lainate (MI) Italy
Tel: +39 02 93254.204
Fax: +39 02 93254.444
Email: info@amphenol-aio.com
Middle East:
Amphenol Middle East Enterprises FZE
Office C-37 PO Box 21107
Ajman Free Zone, UAE
Tel: +9716-7422494
Fax: +9716-7422941
Email: ameefze@eim.ae
Asia:
Amphenol Technology Shenzhen Ltd
Block 5 Fuan 2nd Industrial Park
Dayang Rd, Fuyong Baoan
Baoan, Shenzhen, China 518103
Tel; +86 755 2881 8389
Fax; +86 755 2991 8310
Email: enquiry@amphenol-aio.com
For further information on your individual application requirements, contact: Amphenol Corporation
Connector Version
Wire Overmold Version
DC Current Ratings
1, 2, 3, 4, 5, 6, 8, 10, 12, 15, 20A
1, 2, 3, 4, 5, 6, 8, 10, 12, 15, 20A
DC Voltage Ratings
600V/1000V
600V/1000V
Current Withstand Rating
10,000A
10,000A
Protection Degree
IP68
IP68
Flammability Rating
UL 94 V-0
UL 94 V-0
Connector Options
Helios H4 Connector ( M-M, M-F, F-F)
12AWG (4mm2) to 8AWG (10mm2)
Regulatory Approvals (600V)
UL Listed
UL Recognized
Regulatory Approvals (1000V)
UL Listed
UL Recognized
Technical Data
21
Inline Fuse
3
1000 V
0
Male/Female
01
1 amp
4
600V
1
Male/Male
02
2 amp
2
Female/Female
03
3 amp
04
4 amp
05
5 amp
06
6 amp
07
7 amp
08
8 amp
10
10 amp
12
12 amp
15
15 amp
20
20 amp
1
2
3
4
21
3
0
01
Product Type
Voltage Rating (UL)
Connector Configuration
Fusing Current Rating
How t o order (C onnec t or Version Only)
LIST ED
For w ire overmold version, please c ont ac t A mphenol Indust rial Global Operat ions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com