Electronic Components Datasheet Search
  English  ▼

X  

CLD-DS60 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLD-DS60
Description  Cree짰 XLamp짰 MK-R LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS60 Datasheet(HTML) 3 Page - Cree, Inc

  CLD-DS60 Datasheet HTML 1Page - Cree, Inc CLD-DS60 Datasheet HTML 2Page - Cree, Inc CLD-DS60 Datasheet HTML 3Page - Cree, Inc CLD-DS60 Datasheet HTML 4Page - Cree, Inc CLD-DS60 Datasheet HTML 5Page - Cree, Inc CLD-DS60 Datasheet HTML 6Page - Cree, Inc CLD-DS60 Datasheet HTML 7Page - Cree, Inc CLD-DS60 Datasheet HTML 8Page - Cree, Inc CLD-DS60 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
xlamp mK-R leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ and SC3 Technology™ are trademarks of Cree, Inc.
3
standard order codes and bins, ansi White (i
f = 700 ma, tJ = 85 °c)
Xlamp mK-r standard ansi Kit codes
chromaticity
minimum luminous flux
(lm) @ 700 ma**
order codes
Kit
cct
code
flux
(lm)@
85 °c
flux
(lm) @
25 °c*
65 cri typical
70 cri minimum
80 cri minimum
90 cri minimum
ANSIWhite(2700K-8300K)
51
6200 K
J2
1040
1206
MKRAWT-00-0000-0D00J2051
H4
970
1125
MKRAWT-00-0000-0D00H4051
MKRAWT-00-0000-0D0BH4051
H2
900
1044
MKRAWT-00-0000-0D0BH2051
e1
6500 K
J2
1040
1206
MKRAWT-00-0000-0D00J20E1
H4
970
1125
MKRAWT-00-0000-0D00H40E1
MKRAWT-00-0000-0D0BH40E1
H2
900
1044
MKRAWT-00-0000-0D0BH20E1
e2
5700 K
J2
1040
1206
MKRAWT-00-0000-0D00J20E2
H4
970
1125
MKRAWT-00-0000-0D00H40E2
MKRAWT-00-0000-0D0BH40E2
H2
900
1044
MKRAWT-00-0000-0D0BH20E2
e3
5000 K
H4
970
1125
MKRAWT-00-0000-0D00H40E3
MKRAWT-00-0000-0D0BH40E3
H2
900
1044
MKRAWT-00-0000-0D00H20E3
MKRAWT-00-0000-0D0BH20E3
MKRAWT-00-0000-0D0HH20E3
G4
840
974
MKRAWT-00-0000-0D0HG40E3
e4
4500 K
H4
970
1125
MKRAWT-00-0000-0D00H40E4
MKRAWT-00-0000-0D0BH40E4
H2
900
1044
MKRAWT-00-0000-0D00H20E4
MKRAWT-00-0000-0D0BH20E4
MKRAWT-00-0000-0D0HH20E4
G4
840
974
MKRAWT-00-0000-0D0HG40E4
e5
4000 K
H2
900
1044
MKRAWT-00-0000-0D00H20E5
MKRAWT-00-0000-0D0BH20E5
MKRAWT-00-0000-0D0HH20E5
G4
840
974
MKRAWT-00-0000-0D00G40e5
MKRAWT-00-0000-0D0BG40e5
MKRAWT-00-0000-0D0HG40E5
e6
3500 K
H2
900
1044
MKRAWT-00-0000-0D0BH20E6
MKRAWT-00-0000-0D0HH20E6
G4
840
974
MKRAWT-00-0000-0D0BG40e6
MKRAWT-00-0000-0D0HG40E6
e7
3000 K
G4
840
974
MKRAWT-00-0000-0D0HG40E7
G2
780
905
MKRAWT-00-0000-0D0HG20E7
F4
730
847
F2
680
789
e4
635
737
MKRAWT-00-0000-0D0Ue40e7
e2
590
684
MKRAWT-00-0000-0D0Ue20e7
e8
2700 K
G2
780
905
MKRAWT-00-0000-0D0HG20E8
F4
730
847
MKRAWT-00-0000-0D0HF40E8
F2
680
789
e4
635
737
e2
590
684
MKRAWT-00-0000-0D0Ue20e8
D4
550
638
MKRAWT-00-0000-0D0UD40e8
** CreeXLampMK-Rordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbins
higherthantheminimumspecifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothe
chromaticityrestrictionsspecifiedbytheordercode.
* Flux values @ 25 °C are calculated and for reference only.
• For information on chromaticity bins contained in the kits listed above, please reference the Performance Groups -
Chromaticity section starting on page 8.
• Minimum CRI for 70-CRI White is 70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com