Electronic Components Datasheet Search
  English  ▼

X  

H3LIS331DLTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # H3LIS331DLTR
Description  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS331DLTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button H3LIS331DLTR Datasheet HTML 20Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 21Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 22Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 23Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 24Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 25Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 26Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 27Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Register description
H3LIS331DL
24/38
DocID023111 Rev 2
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration data. The register address, consisting of 7 bits, is used to identify them and to
write the data through the serial interface.
7.1
WHO_AM_I (0Fh)
Device identification register.
This register contains the device identifier that for the H3LIS331DL is set to 32h.
7.2
CTRL_REG1 (20h)
The PM bits allow the user to select between power-down and two operating active modes.
The device is in power-down mode when the PD bits are set to “000” (default value after
boot). Table 19 shows all the possible power mode configurations and respective output
data rates. Output data in the low-power mode are computed with the low-pass filter cutoff
frequency defined by the DR1, DR0 bits.
The DR bits, in normal mode operation, select the data rate at which acceleration samples
are produced. In low-power modes they define the output data resolution. Table 20 shows
all the possible configurations for the DR1 and DR0 bits.
Table 16. WHO_AM_I register
00110010
Table 17. CTRL_REG1 register
PM2
PM1
PM0
DR1
DR0
Zen
Yen
Xen
Table 18. CTRL_REG1 description
PM2 - PM0
Power mode selection. Default value: 000
(000: power-down; Others: refer to Table 19)
DR1, DR0
Data rate selection. Default value: 00
(00:50 Hz; Others: refer to Table 20)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com