Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD1871EB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD1871EB
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1871EB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD1871EB Datasheet HTML 1Page - Analog Devices EVAL-AD1871EB Datasheet HTML 2Page - Analog Devices EVAL-AD1871EB Datasheet HTML 3Page - Analog Devices EVAL-AD1871EB Datasheet HTML 4Page - Analog Devices EVAL-AD1871EB Datasheet HTML 5Page - Analog Devices EVAL-AD1871EB Datasheet HTML 6Page - Analog Devices EVAL-AD1871EB Datasheet HTML 7Page - Analog Devices EVAL-AD1871EB Datasheet HTML 8Page - Analog Devices EVAL-AD1871EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD1871
REV. 0
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Stereo Audio, 24-Bit,
96 kHz, Multibit - ADC
FUNCTIONAL BLOCK DIAGRAM
DATA
PORT
MCLK
RESET
CLATCH/(
M/S)
CCLK/(
256/512)
CIN/(DF1)
FILTER
ENGINE
AD1871
LRCLK
BCLK
DOUT
DIN
COUT/(DF0)
CASC
XCTRL
MULTIBIT
-
MODULATOR
ANALOG
INPUT
BUFFER
DECIMATOR
MULTIBIT
-
MODULATOR
ANALOG
INPUT
BUFFER
DECIMATOR
SPI
PORT
CLOCK
DIVIDER
VINLP
VINLN
VREF
VINRP
VINRN
CAPLN CAPLP
AVDD
DVDD
ODVDD
CAPRN CAPRP
AGND
DGND
FEATURES
5.0 V Stereo Audio ADC
with 3.3 V Tolerant Digital Interface
Supports 96 kHz Sample Rates
Supports 16-/20-/24-Bit Word Lengths
Multibit Sigma-Delta Modulators with
“Perfect Differential Linearity Restoration” for
Reduced Idle Tones and Noise Floor
105 dB (Typ) Dynamic Range
Supports 256/512 and 768
fS Master Clocks
Flexible Serial Data Port
Allows Right-Justified, Left-Justified, I2S Compatible
and DSP Serial Port Modes
Cascadable (up to Four Devices) from a Single DSP
SPORT
Device Control via SPI Compatible Serial Port or
Optional Control Pins
On-Chip Reference
28-Lead SSOP Package
APPLICATIONS
Professional Audio
Mixing Consoles
Musical Instruments
Digital Audio Recorders, Including
CD-R, MD, DVD-R, DAT, HDD
Home Theater Systems
Automotive Audio Systems
Multimedia
PRODUCT OVERVIEW
The AD1871 is a stereo audio ADC intended for digital audio
applications requiring high performance analog-to-digital
conversion. It features two 24-bit conversion channels each
with programmable gain amplifier (PGA), multibit sigma-delta
modulator, and decimation filters. Each channel provides 105 db
of dynamic range, making the AD1871 suitable for applications
such as digital audio recorders and mixing consoles.
Each of the AD1871’s input channels (left and right) can be
configured as either differential or single-ended (two inputs
muxed with internal single-ended-to-differential conversion).
The input PGA features a gain range of 0 dB to 12 dB in steps
of 3 dB. The
Σ-∆ modulator features a proprietary multibit
architecture that realizes optimum performance over an audio
bandwidth with standard audio sampling rates of 32 kHz up to
96 kHz. The decimation filter response features very low pass-
band ripple and excellent stop-band attenuation.
The AD1871’s audio data interface supports all common interface
formats such as I
2S, left-justified, right-justified as well as other
modes that allow for convenient connection to general-purpose
digital signal processors (DSPs). The AD1871 also features an
SPI compatible serial control port that allows for convenient
control of device parameters and functionality such as sample
word-width, PGA settings, interface modes, and so on.
The AD1871 operates from a single 5 V power supply—with
an optional digital interfacing capability of 3.3 V. It is housed in
a 28-lead SSOP package and is characterized for operation
over the temperature range –40
°C to +105°C.


Similar Part No. - EVAL-AD1871EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results

Similar Description - EVAL-AD1871EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
AD1854 AD-AD1854 Datasheet
390Kb / 12P
Stereo, 96 kHz, Multibit DAC
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
AD1871 AD-AD1871 Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV.0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
Stereo, 96 kHz, Multibit DAC
REV. B
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com