Electronic Components Datasheet Search
  English  ▼

X  

MY2IN Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MY2IN
Description  Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2IN Datasheet(HTML) 2 Page - Omron Electronics LLC

  MY2IN Datasheet HTML 1Page - Omron Electronics LLC MY2IN Datasheet HTML 2Page - Omron Electronics LLC MY2IN Datasheet HTML 3Page - Omron Electronics LLC MY2IN Datasheet HTML 4Page - Omron Electronics LLC MY2IN Datasheet HTML 5Page - Omron Electronics LLC MY2IN Datasheet HTML 6Page - Omron Electronics LLC MY2IN Datasheet HTML 7Page - Omron Electronics LLC MY2IN Datasheet HTML 8Page - Omron Electronics LLC MY2IN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
General-purpose Relay
MY New model
■ Accessories (Order Separately)
Sockets
Socket Hold-down Clip Pairing
Mounting Plates for Sockets
Note: PYP-18 and PYP-36 can be cut into any desired length in accordance with the number of Sockets.
Track and Accessories
Specifications
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/–20% for rated currents and
±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23
°C.
3. AC coil resistance and impedance are provided as reference values (at 60 Hz).
4. Power consumption drop was measured for the above data. When driving transistors, check leakage current and connect a bleeder re-
sistor if required.
5. Rated voltage denoted by “*” will be manufactured upon request. Ask your OMRON representative.
Poles
Front-mounting
Socket (DIN-track/
screw mounting)
Back-mounting Socket
Solder terminals
Wire-wrap terminals
PCB terminals
Without clip
With clip
Without clip
With clip
2
PYF08A-E
PYF08A-N
PY08
PY08-Y1
PY08QN
PY08QN2
PY08QN-Y1
PY08QN2-Y1
PY08-02
4
PYF14A-E
PYF14A-N
PY14
PY14-Y1
PY14QN
PY14QN2
PY14QN-Y1
PY14QN2-Y1
PY14-02
Relay type
Poles
Front-connecting Socket (DIN-track/
screw mounting)
Back-connecting Socket
Solder/Wire-wrap terminals
PCB terminals
Socket
Clip
Socket
Clip
Socket
Clip
Without 2-pole test
button
2
PYF08A-E
PYF08A-N
PYC-A1
PY08(QN)
PYC-P
PYC-P2
PY08-02
PYC-P
PYC-P2
4
PYF14A-E
PYF14A-N
PY14(QN)
PY14-02
2-pole test button
2
PYF08A-E
PYF08A-N
PYC-E1
PY08(QN)
PYC-P2
PY08-02
PYC-P2
Socket model
For 1 Socket
For 18 Sockets
For 36 Sockets
PY08, PY08QN(2), PY14, PY14QN(2)
PYP-1
PYP-18
PYP-36
Supporting Track (length = 500 mm)
PFP-50N
Supporting Track (length = 1,000 mm)
PFP-100N, PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
Rated voltage
Rated current
Coil
resistance
Coil inductance
(reference value)
Must
operate
voltage
Must
release
voltage
Max.
voltage
Power
consumption
(approx.)
50 Hz
60 Hz
Arm. OFF
Arm. ON
% of rated voltage
AC
6 V*
214.1 mA
183 mA
12.2
Ω
0.04 H
0.08 H
80% max.
30% min.
110%
1.0 to 1.2 VA
(60 Hz)
12 V
106.5 mA
91 mA
46
Ω
0.17 H
0.33 H
24 V
53.8 mA
46 mA
180
Ω
0.69 H
1.30 H
48/50 V*
24.7/
25.7 mA
21.1/
22.0 mA
788
Ω
3.22 H
5.66 H
110/120 V
9.9/10.8 mA
8.4/9.2 mA
4,430
Ω
19.20 H
32.1 H
0.9 to 1.1 VA
(60 Hz)
220/240 V
4.8/5.3 mA
4.2/4.6 mA
18,790
Ω
83.50 H
136.4 H
DC
6 V*
151 mA
39.8
Ω
0.17 H
0.33 H
10% min.
0.9 W
12 V
75 mA
160
Ω
0.73 H
1.37 H
24 V
37.7 mA
636
Ω
3.20 H
5.72 H
48 V*
18.8 mA
2,560
Ω
10.60 H
21.0 H
100/110 V
9.0/9.9 mA
11,100
Ω
45.60 H
86.2 H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com