Electronic Components Datasheet Search
  English  ▼

X  

TC1410 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1410
Description  0.5A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410 Datasheet(HTML) 4 Page - Microchip Technology

  TC1410 Datasheet HTML 1Page - Microchip Technology TC1410 Datasheet HTML 2Page - Microchip Technology TC1410 Datasheet HTML 3Page - Microchip Technology TC1410 Datasheet HTML 4Page - Microchip Technology TC1410 Datasheet HTML 5Page - Microchip Technology TC1410 Datasheet HTML 6Page - Microchip Technology TC1410 Datasheet HTML 7Page - Microchip Technology TC1410 Datasheet HTML 8Page - Microchip Technology TC1410 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1410/TC1410N
DS21389D-page 4
 2001-2012 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Delay Time
tD2
—30
40
nsec
TA = +25°C
—33
45
0°C
T
A+70°C
—35
45
-40°C
T
A+85°C, Figure 4-1
Power Supply
Power Supply Current
IS
—0.5
1.0
mA
VIN = 3V, VDD = 16V
—0.1
0.15
VIN = 0V
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
ºC
Specified Temperature Range (E)
TA
-40
—
+85
ºC
Maximum Junction Temperature
TJ
—
—
+150
ºC
Storage Temperature Range
TA
-65
—
+150
ºC
Package Thermal Resistances
Thermal Resistance, 8L-MSOP
JA
—206
—
ºC/W
Thermal Resistance, 8L-PDIP
JA
—125
—
ºC/W
Thermal Resistance, 8L-SOIC
JA
—155
—
ºC/W
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
V
DD16V.
Typical values are measured at TA = +25°C, VDD= 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com