Electronic Components Datasheet Search
  English  ▼

X  

MIC5233 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5233
Description  High Input Voltage Low IQ 關Cap LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5233 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5233 Datasheet HTML 1Page - Micrel Semiconductor MIC5233 Datasheet HTML 2Page - Micrel Semiconductor MIC5233 Datasheet HTML 3Page - Micrel Semiconductor MIC5233 Datasheet HTML 4Page - Micrel Semiconductor MIC5233 Datasheet HTML 5Page - Micrel Semiconductor MIC5233 Datasheet HTML 6Page - Micrel Semiconductor MIC5233 Datasheet HTML 7Page - Micrel Semiconductor MIC5233 Datasheet HTML 8Page - Micrel Semiconductor MIC5233 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5233
July 2012
3
M9999-071212-B
Absolute Maximum Ratings
(1)
Input Supply Voltage (VIN).............................. −20V to +38V
Enable Input Voltage (VEN)............................ −0.3V to +38V
Power Dissipation (PDIS)............................Internally Limited
Junction Temperature (TJ) ........................−40°C to +125°C
Storage Temperature (TS).........................−65°C to +150°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Input Supply Voltage (VIN)............................. +2.3V to +36V
Enable Input Voltage (VEN)................................. 0V to +36V
Junction Temperature (TJ) ........................ −40°C to +125°C
Package Thermal Resistance
SOT-23-5 (
θJA).................................................235°C/W
SOT-223 (
θJA) ....................................................50°C/W
Electrical Characteristics
(4)
TJ = 25°C with VIN = VOUT + 1V; IOUT = 100µA; Bold values indicate –40°C < TJ < +125°C; unless otherwise specified.
Parameter
Condition
Min.
Typ.
Max.
Units
−1.0
+1.0
Output Voltage Accuracy
Variation from nominal VOUT
−2.0
+2.0
%
Line Regulation
VIN = VOUT + 1V to 36V
0.04
0.5
%
Load Regulation
IOUT = 100µA to 100mA
0.25
1
%
IOUT = 100µA
50
230
300
IOUT = 50mA
400
270
400
Dropout Voltage
IOUT = 100mA
450
mV
18
30
IOUT = 100µA
35
µA
IOUT = 50mA
0.25
0.70
Ground Current
IOUT = 100mA
1
2
mA
Ground Current in Shutdown
VEN ≤ 0.6V; VIN + 36V (SOT-23 package only)
0.1
1
µA
Short-Circuit Current
VOUT = 0V
190
350
mA
Output Leakage, Reverse Polarity Input
Load = 500
Ω; VIN = −15V
−0.1
µA
Enable Input (SOT-23 Package Only)
Input LOW Voltage
Regulator OFF
0.6
V
Input HIGH Voltage
Regulator ON
2.0
V
VEN = 0.6V; Regulator OFF
−1.0
0.01
1.0
VEN = 2.0V; Regulator ON
0.1
1.0
Enable Input Current
VEN = 36V; Regulator ON
0.5
2.5
µA
Start-Up Time
Guaranteed by design
1.7
7
ms
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4.
Specification for packaged product only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com