Electronic Components Datasheet Search
  English  ▼

X  

MIC5891BWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5891BWM
Description  8-Bit Serial-Input Latched Source Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5891BWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5891BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5891BWM Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2006
1
MIC5891
MIC5891
Micrel, Inc.
MIC5891
Features
•
High-voltage, high-current outputs
•
Output transient protection diodes
•
CMOS-, PMOS-, NMOS-, and TTL-compatible inputs
•
5MHz typical data input rate
•
Low-power CMOS latches
Applications
•
Alphanumeric and bar graph displays
•
LED and incandescent displays
•
Relay and solenoid drivers
•
Other high-power loads
General Description
The MIC5891 latched driver is a high-voltage, high current
integrated circuit comprised of eight CMOS data latches,
CMOS control circuitry for the common STROBE and OUT-
PUT ENABLE, and bipolar Darlington transistor drivers for
each latch.
Bipolar/MOS construction provides extremely low power
latches with maximum interface flexibility.
The MIC5891 will typically operate at 5MHz with a 5V logic
supply.
The CMOS inputs are compatible with standard CMOS,
PMOS, and NMOS logic levels. TTL circuits may be used
with appropriate pull-up resistors to ensure a proper logic-
high input.
A CMOS serial data output allows additional drivers to be
cascaded when more than 8 bits are required.
The MIC5891 has open-emitter outputs with suppression
diodes for protection against inductive load transients. The
output transistors are capable of sourcing 500mA and will
sustain at least 35V in the on-state.
Simultaneous operation of all drivers at maximum rated
current requires a reduction in duty cycle due to package
power limitations. Outputs may be paralleled for higher load
current capability.
The MIC5891 is available in a 16-pin plastic DIP package
(N) and 16-pin wide SOIC package (WM).
8-Bit Serial-Input Latched Source Driver
Functional Diagram
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 OUT7 OUT8
SERIAL
DATA OUT
OUTPUT
ENABLE
CLOCK
SERIAL
DATA IN
STROBE
GROUND
8-BIT SERIAL PARALLEL SHIFT REGISTER
LATCHES
MOS
BIPOLAR


Similar Part No. - MIC5891BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5891BWM MICREL-MIC5891BWM Datasheet
55Kb / 4P
8-Bit Serial-Input Latched Source Driver
MIC5891BWM MICREL-MIC5891BWM Datasheet
168Kb / 7P
8-Bit Serial-Input Latched Source Driver
More results

Similar Description - MIC5891BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891_06 Datasheet
168Kb / 7P
8-Bit Serial-Input Latched Source Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC5891YN MICREL-MIC5891YN Datasheet
171Kb / 7P
8-Bit Serial-Input Latched Source Driver
logo
Allegro MicroSystems
A6810SLW-T ALLEGRO-A6810SLW-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
A6810SLWTR-T ALLEGRO-A6810SLWTR-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
A6810ELW-T ALLEGRO-A6810ELW-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
logo
Micrel Semiconductor
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
logo
Microchip Technology
MIC5891 MICROCHIP-MIC5891 Datasheet
262Kb / 18P
8-Bit Serial-Input Latched Source Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com