Electronic Components Datasheet Search
  English  ▼

X  

HB726 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # HB726
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

HB726 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button HB726 Datasheet HTML 17Page - Micrel Semiconductor HB726 Datasheet HTML 18Page - Micrel Semiconductor HB726 Datasheet HTML 19Page - Micrel Semiconductor HB726 Datasheet HTML 20Page - Micrel Semiconductor HB726 Datasheet HTML 21Page - Micrel Semiconductor HB726 Datasheet HTML 22Page - Micrel Semiconductor HB726 Datasheet HTML 23Page - Micrel Semiconductor HB726 Datasheet HTML 24Page - Micrel Semiconductor HB726 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
21
M9999-090910-1.4
10Base-T Receive
On the receive side, input buffer and level detecting squelch circuits are employed. A differential input receiver circuit and
a PLL performs the decoding function. The Manchester-encoded data stream is separated into clock signal and NRZ data.
A squelch circuit rejects signals with levels less than 400 mV or with short pulse widths to prevent noise at the RX+ and
RX- inputs from falsely trigger the decoder. When the input exceeds the squelch limit, the PLL locks onto the incoming
signal and the KSZ8041NL/RNL decodes a data frame. The receive clock is kept active during idle periods in between
data reception.
SQE and Jabber Function (10Base-T only)
In 10Base-T operation, a short pulse is put out on the COL pin after each frame is transmitted. This SQE Test is required
as a test of the 10Base-T transmit/receive path. If transmit enable (TXEN) is high for more than 20 ms (jabbering), the
10Base-T transmitter is disabled and COL is asserted high. If TXEN is then driven low for more than 250 ms, the 10Base-
T transmitter is re-enabled and COL is de-asserted (returns to low).
Auto-Negotiation
The KSZ8041NL/RNL conforms to the auto-negotiation protocol, defined in Clause 28 of the IEEE 802.3u specification.
Auto-negotiation is enabled by either hardware pin strapping (pin 30) or software (register 0h bit 12).
Auto-negotiation allows unshielded twisted pair (UTP) link partners to select the highest common mode of operation. Link
partners advertise their capabilities to each other, and then compare their own capabilities with those they received from
their link partners. The highest speed and duplex setting that is common to the two link partners is selected as the mode
of operation.
The following list shows the speed and duplex operation mode from highest to lowest.
•
Priority 1: 100Base-TX, full-duplex
•
Priority 2: 100Base-TX, half-duplex
•
Priority 3: 10Base-T, full-duplex
•
Priority 4: 10Base-T, half-duplex
If auto-negotiation is not supported or the KSZ8041NL/RNL link partner is forced to bypass auto-negotiation, the
KSZ8041NL/RNL sets its operating mode by observing the signal at its receiver. This is known as parallel detection, and
allows the KSZ8041NL/RNL to establish link by listening for a fixed signal protocol in the absence of auto-negotiation
advertisement protocol.
The auto-negotiation link up process is shown in the flow chart illustrated as Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com