| Electronic Components Datasheet Search |
|
MIC4422CM Datasheet(PDF) 8 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC4422CM Datasheet(HTML) 8 Page - Micrel Semiconductor |
|
8 / 12 page ![]() MIC4421/4422 Micrel, Inc. M9999-081005 8 August 2005 Table 1: MIC4421 Maximum Operating Frequency V S Max Frequency 18V 220kHz 15V 300kHz 10V 640kHz 5V 2MHz Conditions: 1. θ JA = 150°C/W 2. T A = 25°C 3. C L = 10,000pF dissipation limit can easily be exceeded. Therefore, some attention should be given to power dissipation when driving low impedance loads and/or operating at high frequency. The supply current vs. frequency and supply current vs capacitive load characteristic curves aid in determining power dissipation calculations. Table 1 lists the maximum safe operating frequency for several power supply volt- ages when driving a 10,000pF load. More accurate power dissipation figures can be obtained by summing the three dissipation sources. Given the power dissipation in the device, and the thermal resistance of the package, junction operating temperature for any ambient is easy to calculate. For example, the thermal resistance of the 8-pin plastic DIP package, from the data sheet, is 130°C/W. In a 25°C ambient, then, using a maximum junction temperature of 150°C, this package will dissipate 960mW. Accurate power dissipation numbers can be obtained by summing the three sources of power dissipation in the device: • Load Power Dissipation (P L) • Quiescent power dissipation (P Q) • Transition power dissipation (P T) Calculation of load power dissipation differs depending on whether the load is capacitive, resistive or inductive. Resistive Load Power Dissipation Dissipation caused by a resistive load can be calculated as: P L = I 2 R O D where: I = the current drawn by the load R O = the output resistance of the driver when the output is high, at the power supply voltage used. (See data sheet) D = fraction of time the load is conducting (duty cycle) Figure 5. Switching Time Degradation Due to Negative Feedback MIC4421 1 8 6, 7 5 4 +18 0.1µF 0.1µF TEK CURRENT PROBE 6302 2,500 pF POLYCARBONATE 5.0V 0 V 18 V 0 V 300 mV 6 AMPS PC TRACE RESISTANCE = 0.05Ω LOGIC GROUND POWE R GROUND WIMA MKS-2 1 µF Input Stage The input voltage level of the MIC4421 changes the quies- cent supply current. The N channel MOSFET input stage transistor drives a 320µA current source load. With a logic “1” input, the maximum quiescent supply current is 400µA. Logic “0” input level signals reduce quiescent current to 80µA typical. The MIC4421/4422 input is designed to provide 300mV of hysteresis. This provides clean transitions, reduces noise sensitivity, and minimizes output stage current spiking when changing states. Input voltage threshold level is ap- proximately 1.5V, making the device TTL compatible over the full temperature and operating supply voltage ranges. Input current is less than ±10µA. The MIC4421 can be directly driven by the TL494, SG1526/1527, SG1524, TSC170, MIC38C42, and similar switch mode power supply integrated circuits. By offloading the power-driving duties to the MIC4421/4422, the power supply controller can operate at lower dissipation. This can improve performance and reliability. The input can be greater than the V S supply, however, cur- rent will flow into the input lead. The input currents can be as high as 30mA p-p (6.4mA RMS) with the input. No damage will occur to MIC4421/4422 however, and it will not latch. The input appears as a 7pF capacitance and does not change even if the input is driven from an AC source. While the device will operate and no damage will occur up to 25V below the negative rail, input current will increase up to 1mA/V due to the clamping action of the input, ESD diode, and 1kΩ resistor. Power Dissipation CMOS circuits usually permit the user to ignore power dissipation. Logic families such as 4000 and 74C have out- puts which can only supply a few milliamperes of current, and even shorting outputs to ground will not force enough current to destroy the device. The MIC4421/4422 on the other hand, can source or sink several amperes and drive largecapacitiveloadsathighfrequency.Thepackagepower |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |