Electronic Components Datasheet Search
  English  ▼

X  

MIC38C45YN Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC38C45YN
Description  BiCMOS Current-Mode PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C45YN Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC38C45YN Datasheet HTML 1Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 2Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 3Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 4Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 5Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 6Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 7Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 8Page - Micrel Semiconductor MIC38C45YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
M9999-091107
4
September 2007
Electrical Characteristics
VDD = 15V, Note 4; RT = 11.0k; CT = 3.3nF; –40°C ≤ TA ≤ 85°C; unless noted
Parameter
Test Conditions
Min
Typ
Max
Units
Reference Section
Output Voltage
TA = 25°C, IO = 1mA
4.90
5.00
5.10
V
Line Regulation
12V ≤ VDD ≤ 18V, IO = 5µA, Note 6
2
20
mV
Load Regulation
1 ≤ IO ≤ 20mA
1
25
mV
Temp. Stability
Note 1
0.2
mV/°C
Total Output Variation
Line, Load, Temp.,
Note 1
4.82
5.18
V
Output Noise Voltage
10Hz ≤ f ≤ 10kHz, TA = 25°C, Note 1
50
µV
Long Term Stability
TA = 125°C, 1000 hrs., Note 1
5
25
mV
Output Short Circuit
–30
–80
–180
mA
Oscillator Section
Initial Accuracy
TA = 25°C, Note 5
49
52
55
kHz
Voltage Stability
12 ≤ VDD ≤ 18V, Note 6
0.2
1.0
%
Temp. Stability
TMIN ≤ TA ≤ TMAX, Note 1
0.04
%/°C
Clock Ramp
TA = 25°C, VRT/CT = 2V
7.7
8.4
9.0
mA
Reset Current
TA = TMIN to TMAX
7.2
8.4
9.5
mA
Amplitude
VRT/CT peak to peak
1.9
Vp-p
Error Amp Section
Input Voltage
VCOMP = 2.5V
2.42
2.50
2.58
V
Input Bias Current
VFB = 5.0V
–0.1
–2
µA
AVOL
2 ≤ VO ≤ 4V
65
90
dB
Unity Gain Bandwidth
Note 1
0.7
1.0
MHz
PSRR
12 ≤ VDD ≤ 18V
60
dB
Output Sink Current
VFB = 2.7V, VCOMP = 1.1V
2
14
mA
Output Source Current
VFB = 2.3V, VCOMP = 5V
–0.5
–1
mA
VOUT High
VFB = 2.3V, RL = 15k to ground
5
6.8
V
VOUT Low
VFB = 2.7V, RL = 15k to VREF
0.1
1.1
V
Absolute Maximum Ratings
Zener Current (VDD) ................................................... 30mA
Operation at ≥18V may require
special precautions (Note 6).
Supply Voltage (VDD), Note 6........................................20V
Switch Supply Voltage (VD)...........................................20V
Current Sense Voltage (VISNS).......................–0.3V to 5.5V
Feedback Voltage (VFB) .................................–0.3V to 5.5V
Output Current, 38C42/3/4/5 (IOUT) ............................. 0.5A
Storage Temperature (TA)......................... –65°C to +150°C
Operating Ratings
Junction Temperature (TJ)......................................... 150°C
Package Thermal Resistance
8-Pin Plastic DIP (θJA).......................................125°C/W
8-Pin MSOP (θJA)..............................................250°C/W
8-Pin SOIC (θJA)................................................170°C/W
14-Pin Plastic DIP (θJA) ......................................90°C/W
14-Pin SOIC (θJA)..............................................145°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com