Electronic Components Datasheet Search
  English  ▼

X  

GS05E-USB Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GS05E-USB
Description  5WAC-DC Single Output Wall-mounted type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS05E-USB Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS05E-USB Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS05E-USB Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GS05E-USB Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
DeratingCurve
FileName:GS05E-USB-SPEC2012-10-01
Unit:mm
USB Type A
30.5
18.2
20
30.5
14
Ta(
)
¢J
-20
10
20
30
50
40
60
100
StaticCharacteristics
5W AC-DCSingleOutputWall-mountedtype
G S 0 5 E - U S B
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
1
2
3
4
-V
N.C
N.C
+V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com