Electronic Components Datasheet Search
  English  ▼

X  

BCV27 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCV27
Description  SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCV27 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCV27 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
DARLINGTON TRANSISTORS
ISSUE 3 – SEPTEMBER 1995
7
FEATURES
*High VCEO
* Low saturation voltage
COMPLEMENTARY TYPES – BCV27 – BCV28
BCV47 – BCV48
PARTMARKING DETAILS –
BCV27 – ZFF
BCV47 – ZFG
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BCV27
BCV47
UNIT
Collector-Base Voltage
VCBO
40
80
V
Collector-Emitter Voltage
VCEO
30
60
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
800
mA
Continuous Collector Current
IC
500
mA
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
BCV27
BCV47
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
40
80
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
30
60
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
10
V
IE=10µA
Collector Cut-Off
Current
ICBO
100
10
100
10
nA
nA
µ
A
µ
A
VCB= 30V
VCB= 60V
VCB=30V,Tamb=150oC
VCB=60V,Tamb=150oC
Emitter Base
Cut-Off Current
IEBO
100
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
1.0
1.0
V
IC=100mA,IB=0.1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.5
1.5
V
IC=100mA,IB=0.1mA*
Static Forward Current
Transfer Ratio
hFE
4K
10K
20K
4K
2K
4K
10K
2K
IC=100µA, VCE=1V†
IC=10mA, VCE=5V*
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
Transition Frequency
fT
170 Typical
170 Typical
MHz
IC=50mA, VCE=5V
f = 20MHz
Output Capacitance
Cobo
3.5 Typical
3.5 Typical
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
† Periodic Sample Test Only.
For typical graphs see FMMT38A datasheet
BCV27
BCV47
C
B
E
SOT23
3 - 22


Similar Part No. - BCV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV27 PHILIPS-BCV27 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Fairchild Semiconductor
BCV27 FAIRCHILD-BCV27 Datasheet
52Kb / 5P
NPN Darlington Transistor
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV27

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
AUGUST 1996
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
DECEMBER 1996
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com