Electronic Components Datasheet Search
  English  ▼

X  

BCW61 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BCW61
Description  SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCW61 Datasheet(HTML) 2 Page - Diodes Incorporated

  BCW61 Datasheet HTML 1Page - Diodes Incorporated BCW61 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 PNP SILICON PLANAR
SMALL SIGNAL TRANSISTORS
ISSUE 2 – FEBRUARY 95
PARTMARKING DETAIL –
BCW61A
– BA
BCW61AR
– CA
BCW61B
– BB
BCW61BR
– CB
BCW61C
– BC
BCW61CR
– CC
BCW61D
– BD
BCW61DR
– CD
COMPLEMENTARY TYPE – BCW60
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-32
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-200
mA
Base Current
IB
-50
mA
Power Dissipation at Tamb=25°C
PTOT
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
FOUR TERMINAL NETWORK DATA (Ic=2mA, VCE=5V, f=1kHz)
hFEGroup A
hFEGroup B
hFEGroupC
hFEGroup D
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
h11e
1.6
2.7
4.5
2.5
3.6
6.0
3.2
4.5
8.5
4.5
7.5
12
kΩ
h12e
1.5
2
2
3
10-4
h21e
200
260
330
520
h22e
18
30
24
50
30
60
50
100
µ
S
S
W
ITCHING CIRCUIT
BCW61
PAGE NO
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-32
V
ICEO=-2mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IEBO=-1µA
Collector-Emitter Cut-off
Current
ICES
-20
-20
nA
µ
A
VCES=-32V
VCES=-32V ,Tamb=150oC
Emitter-Base Cut-Off Current
IEBO
-20
nA
VEBO=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.12
-0.25
-0.25
-0.55
V
V
IC=-10mA,IB= -0.25mA
IC=-50mA, IB =-1.25mA
Base-Emitter
Saturation Voltage
VBE(sat)
-0.60
-0.68
-0.70
-0.80
-0.85
-1.05
V
V
IC =-10mA, IB=-0.25mA
IC =-50mA, IB=-1.25mA
Base - Emitter Voltage
VBE
-0.6
-0.55
-0.65
-0.72
-0.75
V
V
V
IC=-10µA, VCE=-5V
IC=-2mA, VCE=-5V
IC=-50mA, VCE=-1V
Static
BCW61A
Forward
Current
Transfer
BCW61B
Ratio
BCW61C
BCW61D
hFE
120
60
140
170
220
IC=-10µA, VCE=-5V
IC=-2mA, VCE=-5V
IC=-50mA, VCE=-1V
30
180
80
200
250
310
IC=-10µA, VCE=-5V
IC=-2mA, VCE=-5V
IC=-50mA, VCE=-1V
40
250
100
270
350
460
IC=-10µA, VCE=-5V
IC=-2mA, VCE=-5V
IC=-50mA, VCE=-1V
100
380
110
340
500
630
IC=-10µA, VCE=-5V
IC=-2mA, VCE=-5V
IC=-50mA, VCE=-1V
Transition Frequency
fT
180
MHz
IC =10mA, VCE= -5V
f = 100MHz
Emitter-Base Capacitance
Cebo
11
pF
VEBO= -0.5V,f =1MHz
Collector-Base Capacitance
Ccbo
6pF
VCBO= -10V, f =1MHz
Noise Figure
N
2
6
dB
IC =- 0.2mA, VCE=- 5V
RG=2KΩ, f=1KHz
∆
f=200Hz
Switching times:
Delay Time
Rise Time
Turn-on Time
Storage Time
Fall Time
Turn-Off Time
td
tr
ton
ts
tf
toff
35
50
85
400
80
480
150
800
ns
ns
ns
ns
ns
ns
-IC: -IB1: IB2 =10:1:1mA
R1=R2=5KΩ
VBB=-3.6V, RL=990Ω
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle
Spice parameter data is available upon request for this device
C
B
E
BCW61
R1
R2
RL
50Ω
VCC(-10V)
+VBB
-10V
tr < 5nsec
Zin ≥ 100kΩ
Oscilloscope
1µsec
Mark/Space ratio < 0.01
Zs=50Ω
BAY 63
tr < 5nsec



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com