Electronic Components Datasheet Search
  English  ▼

X  

TP0610L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TP0610L
Description  P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610L Datasheet(HTML) 3 Page - Vishay Siliconix

  TP0610L Datasheet HTML 1Page - Vishay Siliconix TP0610L Datasheet HTML 2Page - Vishay Siliconix TP0610L Datasheet HTML 3Page - Vishay Siliconix TP0610L Datasheet HTML 4Page - Vishay Siliconix TP0610L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
Document Number: 70209
S-41260—Rev. H, 05-Jul-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
300
600
900
1200
02468
10
0.0
0.2
0.4
0.6
0.8
1.0
012345
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS = 10 V
5 V
4 V
VGS − Gate-to-Source Voltage (V)
TJ = −55_C
125_C
25_C
0.0
0.3
0.6
0.9
1.2
1.5
1.8
−50
−25
0
25
50
75
100
125
150
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
VGS = 10 V @ 500 mA
VGS = 4.5 V @ 25 mA
0
3
6
9
12
15
0.0
0.3
0.6
0.9
1.2
1.5
1.8
ID = 500 mA
Gate Charge
Qg − Total Gate Charge (nC)
0
4
8
12
16
20
0
200
400
600
800
1000
On-Resistance vs. Drain Current
ID − Drain Current (mA)
VGS = 4.5 V
VGS = 10 V
0
8
16
24
32
40
0
5
10
15
20
25
Capacitance
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VGS = 0 V
6 V
7 V
VGS = 5 V
VDS = 30 V
VDS = 48 V
8 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com