Electronic Components Datasheet Search
  English  ▼

X  

TP0610T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TP0610T
Description  P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610T Datasheet(HTML) 2 Page - Vishay Siliconix

  TP0610T Datasheet HTML 1Page - Vishay Siliconix TP0610T Datasheet HTML 2Page - Vishay Siliconix TP0610T Datasheet HTML 3Page - Vishay Siliconix TP0610T Datasheet HTML 4Page - Vishay Siliconix TP0610T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
www.vishay.com
2
Document Number: 70209
S-41260—Rev. H, 05-Jul-04
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
TP0610L/T
VP0610L/T
BS250
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Drain-Source
V(BR)DSS
VGS = 0 V, ID = −10 mA
−70
−60
−60
Drain Source
Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −100 mA
−45
V
Gate-Threshold
Voltage
VGS(th)
VDS = VGS, ID = −1 mA
−1.9
−1
−2.4
−1
−3.5
−1
−3.5
V
VDS = 0 V, VGS = "20 V
"10
"10
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V, TJ = 125_C
"50
nA
yg
GSS
VDS = 0 V, VGS = "15 V
"20
G
VDS = −48 V, VGS = 0 V
−1
−1
Zero Gate Voltage
Drain Current
IDSS
VDS = −48 V, VGS = 0 V, TJ = 125_C
−200
−200
mA
Drain Current
DSS
VDS = −25 V, VGS = 0 V
−0.5
m
OS
VDS = −10 V, VGS = −4.5 V
−180
−50
On-State Drain
Currentb
ID(on)
VDS = 10 V VGS = 10 V
L Suffix
−750
−600
mA
Currentb
D(on)
VDS = −10 V, VGS = −10 V
T Suffix
−220
VGS = −4.5 V, ID = −25 mA
11
25
Drain-Source
rDS( )
VGS = −10 V, ID = −0.5 A
L Suffix
8
10
10
W
Drain-Source
On-Resistanceb
rDS(on)
VGS = −10 V, ID = −0.5 A, TJ = 125_C
L Suffix
15
20
20
W
VGS = −10 V, ID = −0.2 A
T Suffix
6.5
10
10
14
Forward
gf
VDS = −10 V, ID = −0.5 A
L Suffix
20
80
mS
Forward
Transconductanceb
gfs
VDS = −10 V, ID = −0.1 A
T Suffix
90
60
70
mS
Diode Forward
Voltage
VSD
IS = −0.5 A, VGS = 0 V
−1.1
V
Dynamic
Input Capacitance
Ciss
15
60
60
Output Capacitance
Coss
VDS = −25 V, VGS = 0 V
f = 1 MHz
10
25
25
pF
Reverse Transfer
Capacitance
Crss
f = 1 MHz
3
5
5
pF
Switchingc
Turn-On Time
tON
VDD = −25 V, RL = 133 W
8
10
ns
Turn-Off Time
tOFF
VDD = 25 V, RL = 133 W
ID ^ −0.18 A, VGEN = −10 V, Rg = 25 W
8
10
ns
Notes
a.
For DESIGN AID ONLY, not subject to production testing.
VPDS06
b.
Pulse test: PW v300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com