Electronic Components Datasheet Search
  English  ▼

X  

BAT54SW-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54SW-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54SW-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54SW-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 3Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 12 - 2
1 of 4
www.diodes.com
October 2012
© Diodes Incorporated
BAT54W /AW /CW /SW
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Low Forward Voltage Drop
•
Fast Switching
•
Ultra-Small Surface Mount Package
•
PN Junction Guard Ring for Transient and ESD Protection
•
Qualified to AEC-Q101 Standards for High Reliability
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
Mechanical Data
•
Case: SOT323
•
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagrams Below
•
Weight: 0.006 grams (approximate)
SOT323
Top View
BAT54W-KL5
BAT54AW-KL6
BAT54CW-KL7
BAT54SW-KL8
Ordering Information (Note 5)
Part Number
Case
Packaging
BAT54W-7-F
SOT323
3000/Tape & Reel
BAT54AW-7-F
SOT323
3000/Tape & Reel
BAT54AWQ-7-F
SOT323
3000/Tape & Reel
BAT54CW-7-F
SOT323
3000/Tape & Reel
BAT54SW-7-F
SOT323
3000/Tape & Reel
BAT54SWQ-7-F
SOT323
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2000
2001
2002
2003
2004
…
2010
2011
2012
2013
2014
2015
2016
2017
2018
Code
L
M
N
P
R
…
X
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
xxx = Product Type Marking Code
KL5 = BAT54W
KL6 = BAT54AW
KL7 = BAT54CW
KL8 = BAT54SW
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
xxx


Similar Part No. - BAT54SW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
370Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 9 - 2
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
129Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 11 - 2
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
201Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 15
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
376Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - BAT54SW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com